AI

The **M2VF2-BE-R/CE** is a high-performance, signal-conditioning transducer manufactured by **M-System**. It is specifically designed as a **Variable Low-pass Filter** (VLF) module. Its primary electronic function is to accept a DC signal, filter out high-frequency noise or rapid fluctuations, and provide a stabilized DC output.
---
## 1. Core Technical Specifications
The electronics of this unit are built to industrial instrumentation standards. Below are the primary electronic parameters:
| Feature | Specification |
| :--- | :--- |
| **Model Function** | Variable Low-pass Filter (VLF) |
| **Input Signal** | 0 – 10V DC, 1 – 5V DC, 4 – 20mA DC (Depends on sub-code) |
| **Output Signal** | 0 – 10V DC, 4 – 20mA DC (Isolated) |
| **Time Constant Range** | Adjustable (Standard range typically 0.5 to 30 seconds) |
| **Power Input** | 100 – 240V AC (represented by the 'M2' series base) |
| **Accuracy** | ±0.1% of span |
| **Isolation** | 3-way (Input to Output to Power) |
---
## 2. Electronic Component Blocks
The internal circuitry is divided into three main functional stages:
### A. Input Stage (Signal Conditioning)
* **Current-to-Voltage Conversion:** If the input is 4-20mA, internal precision resistors convert the current into a voltage signal for processing.
* **Surge Protection:** Includes Zener diodes or varistors to protect against voltage spikes on the input line.
### B. The Filter Network (The "VLF" Core)
* **Active RC Filter:** The "Variable" part of the name comes from a potentiometer-adjustable RC (Resistor-Capacitor) network.
* **Time Constant Control:** The electronic circuit uses an operational amplifier (Op-Amp) in an integrator configuration. By turning the front-panel trimmer, you change the resistance in the RC circuit, thereby increasing or decreasing the "damping" effect on the signal.
* **Purpose:** It smoothens signals from sensors that might be jittery (e.g., a flow meter in a turbulent pipe or a weighing scale subject to vibration).
### C. Output & Isolation Stage
* **Optical Isolation:** Uses photocouplers to transfer the filtered signal across a galvanic barrier, preventing ground loops.
* **Power Supply:** An internal switching regulator converts the AC input power into stable DC rails for the internal Op-Amps.
---
## 3. Terminal Connection Map
The M2VF2 series typically uses a M3 screw terminal base.
| Terminal No. | Description | Function |
| :--- | :--- | :--- |
| **1** | Output (+) | Positive DC Output |
| **2** | Output (-) | Negative DC Output |
| **3** | Input (+) | Positive DC Input |
| **4** | Input (-) | Negative DC Input |
| **5** | Power (L) | AC Power Line |
| **6** | Power (N) | AC Power Neutral |
---
## 4. Operational Summary
The **"R/CE"** suffix indicates specific regional or compliance certifications:
* **R:** Usually denotes specific response characteristics or specialized hardware revisions.
* **CE:** Confirms the electronics comply with European Union safety, health, and environmental protection requirements (EMC Directive).
- ⤷
How do I adjust the time constant on the M2VF2-BE-R/CE?
- ⤷ What is the maximum isolation voltage for this specific M-System series?
- ⤷ Can this unit be DIN-rail mounted?