M2VF2-BE-R2/X1
AI

The **M2VF2-BE-R2/X1** is a specialized industrial-grade signal conditioner and isolator, typically manufactured by companies like **M-System**. It is designed to convert and isolate DC millivolt signals into standard process signals.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic capabilities:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Model Series** | M2VF2 | Ultra-slim signal conditioner (M2 Series) |
| **Function** | V-to-F Converter | Converts voltage inputs to frequency outputs |
| **Input Type** | B | DC Millivolts (e.g., 0 – 100 mV DC) |
| **Output Type** | E | Open Collector (Frequency pulse) |
| **Power Input** | R2 | 11 – 27 V DC |
| **Option** | /X1 | Specific calibration or coating (Custom) |
---
### 2. Core Electronic Components & Architecture
The device functions through several internal electronic stages to ensure accuracy and protection:
* **Input Stage (Signal Conditioning):**
Uses a high-impedance operational amplifier to interface with the millivolt source without loading the circuit.
* **Isolation Barrier:**
Features **3-way isolation** (Input to Output to Power). This is achieved via an internal transformer or optocouplers to prevent ground loops and protect PLC/DCS inputs from high-voltage surges (typically up to 2000V AC).
* **V/F Converter Circuit:**
The heart of the unit is a Voltage-to-Frequency converter IC or microcontroller that translates the linear DC magnitude into a proportional pulse train.
* **Output Driver:**
An NPN Open Collector transistor that acts as a switch, allowing the user to interface with high-speed counters or PLC pulse inputs.
---
### 3. Connection Diagram (Standard Wiring)
To integrate this part, the terminal assignments are generally organized as follows:
```text
Terminal | Function
---------|---------------------------
1 & 2 | Power Supply (11-27V DC)
3 & 4 | Frequency Output (Pulse)
5 & 6 | DC Input (mV Signal)
```
---
### 4. Key Electronic Benefits
1. **Noise Suppression:** The isolation prevents common-mode noise from affecting the measurement.
2. **Ultra-Slim Design:** Usually 5.9mm wide, allowing high-density mounting on DIN rails.
3. **Linearity:** Maintains high accuracy (often within ±0.1%) across the entire conversion range.
- ⤷
What are the specific frequency ranges supported by the 'E' output code?
- ⤷ How does the /X1 option change the standard calibration parameters?
- ⤷ What is the maximum load current supported by the open collector output?