M2VS-12-R/N
AI

The **M2VS-12-R/N** is a specific model within the **M2VS Series** of plug-in signal conditioners (transducers) manufactured by **M-System**. This particular unit is a **Potentiometer Transmitter**, designed to sense the position of a potentiometer and convert it into a standard DC output signal.
---
### 1. Model Breakdown
The alphanumeric code describes the specific electronic configuration of the device:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **M2VS** | Series Name | Mini-M Series Signal Conditioner (Potentiometer Transmitter) |
| **12** | Input Range | Total resistance 100 $\Omega$ to 10 k$\Omega$ |
| **R** | Output Signal | 4 to 20 mA DC (Current output) |
| **N** | Power Input | 24V DC |
---
### 2. Key Electronic Specifications
The internal circuitry is designed for industrial environments, focusing on isolation and signal integrity.
* **Input Impedance:** The unit applies a constant voltage (approx. 0.5V DC) across the potentiometer to measure the wiper position.
* **Response Time:** Typically $\leq$ 0.5 seconds (0 to 90%).
* **Isolation:** 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS cards.
* **Accuracy:** $\pm$0.1% of span.
* **Temperature Coefficient:** $\pm$0.015% per °C.
---
### 3. Internal Components and Functionality
The device operates through several electronic stages:
1. **Reference Voltage Source:** Provides a stable, low-ripple voltage to the external potentiometer.
2. **Signal Conditioning (A/D or Op-Amp):** A high-impedance buffer stage reads the wiper voltage to prevent loading errors.
3. **Isolation Barrier:** Uses an optoisolator or magnetic transformer to separate the input and output circuits electrically.
4. **Current Driver:** Converts the processed signal into a regulated 4-20mA loop current.
5. **Adjustments:** Contains multi-turn trimmers (Zero and Span) accessible from the front panel for field calibration.
---
### 4. Terminal Connections
The M2VS-12-R/N uses a plug-in base (typically an 8-pin or 11-pin socket) for easy maintenance.
| Terminal No. | Function | Connection Type |
| :--- | :--- | :--- |
| **1 - 2** | Output (+) / (-) | 4-20mA Signal to Controller |
| **3 - 4** | Power Input | 24V DC |
| **5** | Potentiometer CW | Clockwise End |
| **6** | Potentiometer Wiper | Sliding Contact |
| **7** | Potentiometer CCW | Counter-Clockwise End |
---
### 5. Application Usage
This part is commonly used to interface mechanical movements with electronic control systems, such as:
* Measuring the opening percentage of a motorized valve.
* Determining the position of a hydraulic cylinder.
* Monitoring tank levels via a float-linked potentiometer.
- ⤷
How do you calibrate the Zero and Span on the M2VS-12-R/N?
- ⤷ What is the maximum load resistance supported by the 4-20mA output?
- ⤷ Can this unit be used with a 2-wire or 3-wire potentiometer configuration?