M2VS-151-R2/Q
AI

The **M2VS-151-R2/Q** is a high-performance, rail-mounted signal isolator and converter manufactured by **M-System**. It is designed to take a DC input signal and provide an isolated DC output, ensuring that ground loops are eliminated and equipment is protected from electrical noise.
---
### ## Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Model Series** | M2VS (Super-mini Signal Conditioner) |
| **Input Signal** | 4 – 20 mA DC |
| **Output Signal** | 1 – 5 V DC |
| **Power Input (R2)** | 100 – 240V AC (50/60 Hz) |
| **Accuracy** | ±0.1% |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting |
| **Housing Material** | Flame-resistant resin (Black) |
---
### ### Key Electronic Components & Features
1. **3-Way Isolation**:
The device utilizes internal transformers or optoisolators to separate the **input**, **output**, and **power supply** circuits. This prevents the transfer of high voltages or surge currents between stages.
2. **Ultra-Slim Design**:
The "Super-mini" series is designed to save space in electrical cabinets, featuring a width of only 29 mm (approx. 1.14 inches).
3. **Zero and Span Adjustments**:
The front panel typically includes multi-turn potentiometers. These allow for fine-tuning the electronic calibration to ensure the output voltage (1-5V) perfectly matches the input current (4-20mA).
4. **Response Time**:
The electronic circuitry is optimized for a fast response time (typically ≤ 0.5 seconds), making it suitable for real-time industrial monitoring.
---
### ### Connection Diagram Reference
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **4 (+)** / **5 (-)** | Input | 4–20 mA DC current signal |
| **1 (+)** / **2 (-)** | Output | 1–5 V DC voltage signal |
| **L1 / L2** | Power Supply | 100–240V AC Line power |
---
### ### Common Applications
* **Ground Loop Elimination**: Prevents measurement errors caused by potential differences between sensors and PLC/DCS.
* **Signal Conversion**: Converting a current loop (standard for long-distance transmission) into a voltage signal required by specific high-impedance controllers.
* **Safety**: Protecting expensive control room equipment from field-side electrical surges.
- ⤷
What is the maximum dielectric strength between the input and output terminals?
- ⤷ Does this model support a 24V DC power supply version?
- ⤷ How do I calibrate the Zero and Span pots on this specific unit?