M2VS-1B-R2/
AI

The **M2VS-1B-R2** is a high-performance **Super-Mini Signal Conditioner** (Isolator) manufactured by **M-System**. Its primary electronic function is to accept a DC voltage input and provide an isolated DC voltage output, effectively breaking ground loops and protecting sensitive control equipment.
---
### 1. General Specifications
The model code `M2VS-1B-R2` breaks down into the following hardware configurations:
| Component Code | Description |
| :--- | :--- |
| **M2VS** | Model Series: Super-Mini Signal Conditioner (Isolator) |
| **1** | Input Type: **0 – 10V DC** |
| **B** | Output Type: **2 – 10V DC** |
| **R** | Power Input: **24V DC** |
| **2** | Isolation Style: **3-Port Isolation** (Input to Output to Power) |
---
### 2. Key Electronic Components & Internal Architecture
The device is composed of several critical electronic stages designed for signal integrity and safety:
#### A. Input Stage
* **High Impedance Buffer:** The input (0-10V) features a high input resistance (typically $\ge 1 M\Omega$) to ensure it does not load the source sensor or PLC.
* **Surge Protection:** Includes Zener diodes or Varistors to protect internal circuitry against voltage spikes.
#### B. Isolation Barrier (The "R2" Feature)
* **Optical or Magnetic Coupling:** Uses high-speed optocouplers or transformers to transfer the signal across a physical gap.
* **3-Port Isolation:** This is a crucial electronic feature where the **Input**, **Output**, and **Power Supply** are all electrically independent. This prevents noise from the power line or ground loops from affecting the signal.
* **Dielectric Strength:** Usually rated for **2000V AC** for 1 minute.
#### C. Output Stage
* **Operational Amplifiers (Op-Amps):** Scale the isolated signal to the 2–10V range.
* **Low Output Impedance:** Designed to drive loads with high precision without signal drop-off.
#### D. Power Management
* **DC/DC Converter:** An internal switching regulator converts the 24V DC input into stabilized internal voltages for the isolation circuitry.
---
### 3. Technical Performance Data
| Parameter | Value |
| :--- | :--- |
| **Accuracy** | $\pm 0.1\%$ |
| **Temperature Coefficient** | $\pm 0.015\% / ^\circ C$ |
| **Response Time** | $\le 0.5$ seconds (0 to 90%) |
| **Insulation Resistance** | $\ge 100 M\Omega$ with 500V DC |
| **Operational Temperature** | -5 to +55 °C |
---
### 4. Connection Diagram (Internal Logic)
```mermaid
graph LR
A[Input: 0-10V] --> B[Input Circuit]
B --> C{Isolation Barrier}
C --> D[Output Circuit]
D --> E[Output: 2-10V]
F[Power: 24V DC] --> C
```
- ⤷
What are the specific wiring terminal assignments for the M2VS-1B-R2?
- ⤷ Can the 2-10V output be recalibrated to a different range manually?
- ⤷ How does the 'Super-Mini' form factor impact DIN rail mounting density?