M2VS-D1-R/N
AI

The **M2VS-D1-R/N** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is part of the Mini-M series, designed to convert a DC input signal into an isolated standard process signal.
Below is a detailed breakdown of its electronic specifications and technical characteristics.
### 1. General Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Series** | Mini-M Series (Plug-in) |
| **Function** | DC Voltage/Current Isolation and Conversion |
| **Power Input (R)** | 24V DC |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way (Input to Output to Power) |
---
### 2. Model Suffix Breakdown
The suffix **D1-R/N** provides specific details about the electronic configuration:
* **D**: Input Type (0 – 20 mA DC)
* **1**: Output Type (0 – 10 mV DC)
* **R**: Power Input (24V DC)
* **N**: Option Code (No specific special option, standard type)
---
### 3. Electronic Components & Terminal Layout
The device utilizes a plug-in base design for easy maintenance without disturbing the wiring.
| Terminal No. | Assignment | Description |
| :--- | :--- | :--- |
| **1** | Output (+) | Positive Voltage Output |
| **2** | Output (-) | Negative Voltage Output |
| **3** | Power (U) | +24V DC Supply |
| **4** | Power (V) | 0V DC Supply |
| **5** | Input (+) | Positive Current Input |
| **6** | Input (-) | Negative Current Input |
---
### 4. Key Electronic Features
* **Galvanic Isolation:** It provides 2000V AC isolation between input, output, and power supply. This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges.
* **Zero/Span Adjustment:** Front-mounted potentiometers allow for fine-tuning (±5% range) to calibrate the signal precisely.
* **Current Protection:** The input circuit is designed to handle standard industrial loops with low input impedance (typically 50Ω for mA inputs).
* **LED Indicator:** A power LED on the front panel indicates the operational status of the internal electronics.
---
### 5. Environmental Limits
| Parameter | Limit |
| :--- | :--- |
| **Operating Temperature** | -5 to +55°C (23 to 131°F) |
| **Operating Humidity** | 30 to 90% RH (non-condensing) |
| **Mounting** | DIN rail or Surface mount |
- ⤷
What are the specific wiring requirements for the 24V DC power supply?
- ⤷ Can the output signal range be modified after purchase?
- ⤷ How does 3-way isolation differ from 2-way isolation in this model?