M2VS-D2-R2/CE
AI

The **M2VS-D2-R2/CE** is a high-performance, ultra-slim signal conditioner (isolator) manufactured by **M-System**. It is designed to take a DC input signal and convert it into two isolated DC output signals.
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Model Series** | M2V (Mini-M Series) |
| **Input Signal (D2)** | 0 – 10V DC |
| **Output 1 & 2 (R2)** | 4 – 20mA DC |
| **Power Input (R)** | 24V DC |
| **Isolation** | 3-way isolation (input to output to power) |
| **Accuracy** | ±0.1% |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Certification** | CE Marking |
---
### 2. Electronic Component Breakdown
The device functions through several internal electronic stages to ensure signal integrity and safety:
#### A. Input Stage (Signal Conditioning)
* **Voltage Divider/Buffer:** The 0–10V DC input is received through a high-impedance buffer to prevent loading the source sensor.
* **Filtering:** Low-pass filters are used to eliminate high-frequency noise from the input line.
#### B. Isolation Barrier (Galvanic Isolation)
* **Transformer/Optical Coupling:** To achieve 2000V AC isolation, the signal is converted into a high-frequency pulse or digital signal, passed across a transformer or opto-coupler, and then reconstructed. This prevents ground loops and protects sensitive PLC/DCS equipment from surges.
#### C. Output Stage (Current Drivers)
* **V/I Conversion:** The internal electronics convert the isolated voltage back into a precise 4–20mA current loop.
* **Dual Output Driver:** The "2" in the suffix indicates it drives two independent 4–20mA signals simultaneously from one input.
#### D. Power Supply Module
* **DC/DC Converter:** Since the unit runs on 24V DC, an internal switching regulator provides regulated, isolated voltages to the input and output circuitry.
---
### 3. Connection Diagram (Simplified)
```text
Power Supply (24V DC) ----> [ Pins 7(+) & 8(-) ]
Input (0-10V DC) ----> [ Pins 5(+) & 6(-) ]
Output 1 (4-20mA) ----> [ Pins 1(+) & 2(-) ]
Output 2 (4-20mA) ----> [ Pins 3(+) & 4(-) ]
```
---
### 4. Applications
* **Signal Splitting:** Sending one sensor signal to both a local display and a remote PLC.
* **Ground Loop Elimination:** Preventing measurement errors caused by potential differences between field instruments and the control room.
* **Signal Conversion:** Adapting a 0-10V sensor to standard 4-20mA control loops.
- ⤷
What is the maximum load resistance supported by the 4-20mA outputs?
- ⤷ Does this model support DIN rail mounting?
- ⤷ What are the environmental temperature limits for this device?