M2VS-DB-R/Q
AI

The **M2VS-DB-R/Q** is a high-performance signal conditioner (transmitter) from the **M2-UNIT series** manufactured by M-System (now MG CO., LTD.). This specific model is an **Ultra-slim Signal Conditioner** designed to convert a DC input into two isolated DC outputs.
---
### 1. Model Breakdown (Nomenclature)
Understanding the alphanumeric code explains the internal electronics and capabilities:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2VS** | Series Name | Ultra-slim (5.9mm wide) Signal Conditioner |
| **-DB** | Input/Output Type | DC Input / Dual DC Output |
| **-R** | Power Input | 24V DC |
| **-Q** | Special Option | Conformal coating (often for moisture/corrosion protection) |
---
### 2. Key Electronic Components & Features
#### A. Isolation Circuitry
The device features **3-way isolation**. This is achieved using internal high-speed optocouplers or transformers to separate:
* **Input Stage:** Receives the raw signal (e.g., 4-20mA or 0-10V).
* **Output Stage:** Sends isolated signals to the PLC/DCS.
* **Power Stage:** Protects the device from power surges.
* *Dielectric Strength:* Usually rated at 2000V AC @ 1 minute.
#### B. Signal Conversion & Microprocessor
While the unit acts as a linear transmitter, it utilizes high-precision operational amplifiers and A/D converters to ensure low linearity error ($\pm 0.1\%$).
* **Input Resistance:** Typically $1 \text{ M}\Omega$ for voltage inputs or $250 \Omega$ for current inputs.
* **Response Time:** Internal filtering allows for a response time of $\leq 0.5$ seconds (0 to 90%).
#### C. Physical Construction (The "Ultra-slim" Design)
The electronics are housed in a specialized **5.9 mm wide** tension-clamp terminal block. This high-density packaging uses:
* **SMD (Surface Mount Devices):** To fit the complex isolation circuitry in a slim profile.
* **Tension Clamp Terminals:** For vibration-resistant wiring.
---
### 3. Specifications Summary
| Feature | Specification |
| :--- | :--- |
| **Power Consumption** | Approx. 0.6 W |
| **Operating Temp** | -25 to +55°C (-13 to +131°F) |
| **Zero Adjustment** | -5 to +5% (Front accessible) |
| **Span Adjustment** | 95 to 105% (Front accessible) |
| **Mounting** | DIN Rail |
---
### 4. Wiring Diagram (Conceptual)
The internal electronic routing follows this logic:
```text
[ FIELD SIDE ] [ ISOLATION BARRIER ] [ CONTROL SIDE ]
Input (+) ----[ Surge ]----[ A/D ]--|--[ Opto ]----[ D/A ]---- Output 1 (+)
Input (-) ----[ Prot. ]-------------|--------------[ Amp ]---- Output 1 (-)
|
|--[ Opto ]----[ D/A ]---- Output 2 (+)
|--------------[ Amp ]---- Output 2 (-)
```
---
- ⤷
What are the specific input and output signal ranges supported by the M2VS-DB?
- ⤷ How does the 'Q' conformal coating affect the electronics in harsh environments?
- ⤷ What is the maximum load resistance for Output 1 and Output 2?