Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VT-12-R2/CE

  • AI
    The **M2VT-12-R2/CE** is a high-performance, ultra-slim signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to convert a V-Network (potentiometer) input into a standard DC output signal. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Model Series** | M2V (Mini-M Series) | | **Input Type** | Potentiometer (100 $\Omega$ to 10 k$\Omega$) | | **Output Type** | DC Current or Voltage (Configurable) | | **Power Input (R2)** | 100 – 240V AC | | **Accuracy** | ±0.1% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way (Input to Output to Power) | | **Standards** | CE Marking | --- ### 2. Core Electronic Components & Functions The device is composed of several critical electronic stages to ensure signal integrity and safety: #### A. Input Circuit (Potentiometer Interface) * **Reference Voltage Source:** Provides a stable excitation voltage to the external potentiometer. * **Burnout Protection:** Includes circuitry to detect if the potentiometer wire breaks, forcing the output to a specific safety level (High or Low). #### B. Signal Conditioning & Isolation * **Isolation Transformer/Optocouplers:** Provides **2000V AC** isolation between the input, output, and power supply. This protects sensitive PLC/DCS inputs from ground loops and high-voltage surges. * **Amplifier Stage:** Precision operational amplifiers scale the small resistance change into a linear internal voltage. #### C. Power Supply Section (The "R2" Designation) * **Switching Regulator:** Converts the 100-240V AC mains power into stable internal DC rails (typically 5V or 15V) to power the internal logic. --- ### 3. Connection Diagram Overview The unit uses a plug-in base for easy maintenance. The typical pin configuration for the Mini-M series is as follows: | Terminal | Function | |:---:|:---| | **1** | Output (+) | | **2** | Output (-) | | **3** | Power (L) | | **4** | Power (N) | | **5** | Potentiometer (High/CW) | | **6** | Potentiometer (Wiper) | | **7** | Potentiometer (Low/CCW) | --- ### 4. Use Case Example This part is commonly used in industrial automation to monitor the position of a **motorized valve** or a **linear actuator**. It takes the resistance change from the feedback potentiometer and converts it into a **4-20mA signal** for a PLC to read the exact percentage of the valve opening.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the M2VT-12?
    • ⤷ What are the specific output code options for the '12' designation?
    • ⤷ Can this module be mounted on a standard DIN rail?