Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VT-154-R/K

  • AI
    The **M2VT-154-R/K** is a high-performance **Signal Conditioner (Transducer)** manufactured by **M-System**. It is specifically designed to convert a high-speed pulse train signal into a standard analog DC output (current or voltage). Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications The model name "M2VT-154-R/K" indicates a specific configuration: | Feature | Specification | | :--- | :--- | | **Input Signal** | Pulse Train (Open collector, voltage pulse, or contact) | | **Output Signal** | 4 – 20 mA DC (Standard for the "4" suffix) | | **Power Input (R)** | 24V DC | | **Option (K)** | Fast Response (Approx. 25ms + 1 cycle) | | **Construction** | Plug-in style base | | **Response Time** | High-speed response optimized for control loops | --- ### 2. Internal Electronic Architecture The device operates through four primary electronic stages: #### A. Input Pulse Processing * **Pulse Shaper:** The raw input (which may be noisy or have varying amplitudes) is passed through a comparator or Schmidt trigger to create clean square waves. * **Isolation:** The input is typically isolated from the internal logic via an **Optocoupler** to prevent ground loops and protect the circuitry from high-voltage spikes on the input line. #### B. Frequency-to-Voltage (F/V) Conversion * **Microprocessor/Logic:** Modern M2VT units use a digital sampling method. It measures the frequency of the incoming pulses by timing the interval between edges. * **Averaging Circuit:** Even with the "Fast Response" option, the device uses a smoothing algorithm to ensure the analog output doesn't jitter due to minor fluctuations in pulse timing. #### C. Analog Output Stage * **D/A Converter:** The digital frequency value is converted back into an analog voltage. * **Current Source:** For the 4-20mA output, a precision operational amplifier (Op-Amp) and a power transistor (usually a MOSFET or BJT) are used to regulate the current regardless of the load resistance (up to 550 $\Omega$). #### D. Power Management * **DC/DC Converter:** Since the unit runs on 24V DC, an internal switching regulator or linear regulator drops this down to 5V or 3.3V to power the internal ICs. --- ### 3. Connection Terminals The M2VT-154-R/K utilizes a standardized terminal base. | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Output (+) & (-) | 4-20mA DC Loop | | **3 & 4** | Input (+) & (-) | Pulse Source (e.g., Flow meter, Encoder) | | **7 & 8** | Power (+) & (-) | 24V DC Supply | --- ### 4. Circuit Protection Features * **Isolation:** 2000V AC isolation between input, output, and power. * **Surge Protection:** Internal Zener diodes or MOVs (Metal Oxide Varistors) protect the sensitive logic from industrial electrical noise. * **Zero/Span Adjustment:** Potentiometers located on the front of the unit allow for fine-tuning the electronic calibration (typically $\pm 5\%$). ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings on the M2VT-154?
    • ⤷ What is the maximum pulse frequency this unit can accept?
    • ⤷ Can the M2VT-154-R/K be used with a 110V AC power source?