M2VT-163-R/K
AI

The **M2VT-163-R/K** is a specific model of a **Signal Conditioner** (Isolator/Converter) manufactured by **M-System**. It is designed to take a DC voltage or current input and convert it into two isolated DC outputs.
Below is a breakdown of the electronic specifications and part characteristics.
---
### 1. Part Number Breakdown
The suffix determines the power supply and specific input/output configurations:
| Component | Code | Description |
| :--- | :--- | :--- |
| **Model** | M2VT | Dual Output Signal Conditioner (Slim Line) |
| **Input** | 1 | 0 – 10 mV DC |
| **Output 1** | 6 | 1 – 5 V DC |
| **Output 2** | 3 | 0 – 1 V DC |
| **Power Supply** | R or K | **R:** 24V DC / **K:** 85 – 132V AC |
---
### 2. Key Electronic Features
* **Dual Isolation:** The unit provides isolation between input, output 1, output 2, and power. This prevents ground loops and protects sensitive PLC/DCS inputs from surges.
* **Form Factor:** It is a "M2-unit" series, known for its plug-in base socket mounting, making it easy to replace without disconnecting wires.
* **Calibration:** Equipped with Zero and Span adjustments on the front panel to fine-tune the signal accuracy.
---
### 3. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation Resistance** | 100 MΩ or more (500V DC) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Operating Temp** | -5 to +55 °C (23 to 131 °F) |
| **Mounting** | DIN rail or Surface mount via socket |
---
### 4. Circuit Diagram Logic
Internally, the device follows this electronic signal path:
1. **Input Stage:** Receives the low-voltage millivolt signal (0-10mV).
2. **Amplification & Isolation:** Uses an optical or transformer-based isolator to separate the circuit.
3. **Output Stage 1:** Scales the signal to a standard 1–5V DC range.
4. **Output Stage 2:** Scales the signal to a 0–1V DC range for secondary monitoring or logging.
---
- ⤷What is the wiring pinout for the M2VT-163 socket?
- ⤷ Can the output ranges be field-reconfigured via jumpers?
- ⤷ What is the difference between the R and K power supply options?