M2VT-164-R2/K
AI

The **M2VT-164-R2/K** is a specific model of a **Slim-style Loop Powered Isolator** (or Signal Conditioner) manufactured by **M-System**. It is designed to isolate and convert DC signals to prevent ground loops and protect sensitive control systems in industrial environments.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Model Series** | M2VT (Mini-M Series) |
| **Power Input** | 24V DC (Standard for -R configuration) |
| **Output Type** | Current or Voltage (Depending on configuration) |
| **Construction** | Plug-in style / Slim-line housing |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Accuracy** | ±0.1% |
---
### 2. Breakdown of the Model Name (Ordering Code)
The alphanumeric suffix determines the electronic characteristics of the unit:
* **M2VT**: The base series (V-Network Signal Conditioner).
* **1**: Specifies the Input signal (usually 4–20 mA DC or 1–5 V DC depending on internal settings).
* **6**: Specifies the Output signal (e.g., 1–5 V DC).
* **4**: Indicates the power requirement (e.g., 100–240V AC or 24V DC).
* **R2**: Refers to the power input type (R typically indicates 24V DC).
* **K**: Often denotes a specific option such as "Fast Response" or a specific terminal type.
---
### 3. Core Electronic Functions
#### A. Signal Isolation
The primary purpose is to electronically decouple the input circuit from the output circuit. It uses **transformer-based or opto-isolation** to ensure that electrical noise or ground potential differences on the field side do not damage the PLC (Programmable Logic Controller) or DCS (Distributed Control System).
#### B. Signal Conversion
It can take a non-standard or weak electronic signal and convert it into a standard industrial signal (like 4-20mA). This ensures the signal can travel long distances without losing integrity due to resistance.
#### C. Filtering and Protection
The internal circuitry includes:
* **Surge Protectors:** To handle voltage spikes.
* **Low-pass Filters:** To remove high-frequency noise from electromagnetic interference (EMI).
---
### 4. Installation and Wiring
The unit is typically mounted on a **DIN rail**. It features a plug-in base, allowing the electronic module to be replaced without disconnecting the field wiring, which is a critical feature for minimizing industrial downtime.
- ⤷
What are the specific wiring pinouts for the M2VT series?
- ⤷ Can this model be used with a 4-20mA passive loop?
- ⤷ How does the 'K' option specifically change the response time of the isolator?