M2VT-A1-R/K
AI

The **M2VT-A1-R/K** is a high-performance **Thin-Type Signal Conditioner (Isolator)** manufactured by **M-System**. Its primary function is to receive a DC voltage or current input and provide an isolated DC output, typically used to prevent ground loops and protect control systems.
---
### 1. Model Code Breakdown
The alphanumeric suffix defines the specific electronic configuration of the unit:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2VT** | Model Series | Ultra-slim signal conditioner |
| **A1** | Input Type | 4 – 20 mA DC |
| **R** | Power Input | 24V DC |
| **K** | Output Type | 0 – 10V DC |
---
### 2. Key Electronic Specifications
The internal circuitry is designed for precision and high galvanic isolation.
* **Isolation Structure:** 3-way isolation (Input to Output to Power).
* **Isolation Resistance:** ≥ 100 MΩ with 500V DC.
* **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground).
* **Accuracy:** ±0.1% of span.
* **Temperature Coefficient:** ±0.015% per °C (±0.008% per °F).
* **Response Time:** ≤ 0.5 seconds (0 – 90%).
---
### 3. Physical & Terminal Interface
The unit uses a plug-in base structure, allowing the electronic module to be replaced without disconnecting wires.
| Terminal No. | Function | Connection Type |
| :--- | :--- | :--- |
| **1 & 2** | Output (+) / (-) | 0 – 10V DC signal |
| **3 & 4** | Power (+) / (-) | 24V DC supply |
| **5 & 6** | Input (+) / (-) | 4 – 20 mA DC loop |
---
### 4. Critical Electronic Components/Features
* **Input Shunt Resistor:** For the `A1` model, a precision 250Ω resistor is typically integrated to convert the 4-20mA current into a voltage for processing.
* **Zero/Span Adjustments:** Located on the front panel. These are multi-turn potentiometers used to calibrate the electronic offset and gain.
* **Status Indicator:** A green LED on the front face indicates the power supply status.
* **DIN Rail Mounting:** The chassis is designed for standard 35mm DIN rail installation, saving significant cabinet space due to its 5.9mm (0.23") width.
---
- ⤷
How do I calibrate the Zero and Span settings on the M2VT?
- ⤷ What is the maximum load resistance supported by the 0-10V output?
- ⤷ Can this model be used with a 110V AC power supply?