AI

The **M2VT-B1-R/K** is a high-performance **Mini-M series signal conditioner** manufactured by M-System (now MG CO., LTD.). It is specifically designed to convert a variable resistance input (such as a potentiometer) into a standard DC output signal.
### 1. Key Technical Specifications
The model code **M2VT-B1-R/K** can be broken down into the following electronic characteristics:
| Component Code | Description | Details |
| :--- | :--- | :--- |
| **M2VT** | Model Series | Potentiometer Transmitter (Mini-M Series) |
| **B** | Input Type | Potentiometer (100 $\Omega$ to 10 k$\Omega$) |
| **1** | Output Type | 4 – 20 mA DC (Load resistance max. 750 $\Omega$) |
| **R** | Power Input | 24V DC |
| **K** | Options | Multi-wire connection / High-accuracy spec |
---
### 2. Functional Electronic Components
Internally, the M2VT-B1-R/K consists of several critical electronic stages:
#### A. Input Circuit (Potentiometer Interface)
* **Constant Voltage Source:** The device provides a stable reference voltage to the potentiometer.
* **Buffer Amplifier:** A high-impedance stage that senses the position of the wiper without loading the circuit, ensuring linearity.
#### B. Isolation Barrier
* **Three-Way Isolation:** This part uses opto-isolators or magnetic transformers to separate the **Input**, **Output**, and **Power** circuits.
* **Purpose:** Prevents ground loops, protects sensitive PLC/DCS inputs from high-voltage surges, and reduces electrical noise.
#### C. Signal Conditioning & Scaling
* **Zero/Span Adjustment:** Located on the front panel, these potentiometers allow the user to calibrate the 0% and 100% points.
* **Linearization:** The internal circuitry ensures that the mechanical rotation of the potentiometer is translated into a linear current output.
#### D. Output Stage
* **Current Driver:** Converts the conditioned voltage signal into a regulated 4-20mA current loop.
* **Protection:** Includes overcurrent protection and polarity reversal protection for the 24V DC power input.
---
### 3. Connection Diagram (General)
To operate the device, the following electronic connections are typically required:
| Terminal | Function | Connection |
| :--- | :--- | :--- |
| **1 & 2** | Output (+) / (-) | To PLC/Controller (4-20mA) |
| **3 & 4** | Power (+) / (-) | 24V DC Supply |
| **5, 6, 7** | Input | To Potentiometer (End, Wiper, End) |
---
### 4. Environmental & Physical Specs
* **Construction:** Plug-in base socket for easy maintenance.
* **Housing:** Flame-resistant black resin.
* **Isolation Resistance:** $\ge$ 100 M$\Omega$ with 500V DC.
* **Dielectric Strength:** 2000V AC @ 1 minute (Input to output to power to ground).
- ⤷What is the difference between the M2VT-B1-R and the K option specifically?
- ⤷ How do I calibrate the Zero and Span on this unit?
- ⤷ What are the common causes of signal drift in potentiometer transmitters?