Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2VT-C1-R2

  • AI
    The **M2VT-C1-R2** is a high-performance, compact signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to convert a V-Link (potentiometer) input into a standard DC output signal. --- ## 1. Technical Specifications The model code `M2VT-C1-R2` breaks down into specific electronic configurations: | Component Code | Description | Specifications | | :--- | :--- | :--- | | **M2VT** | Model Series | Mini-M Series V-Link Transmitter | | **C** | Input Signal | Potentiometer (100 $\Omega$ to 10 k$\Omega$) | | **1** | Output Signal | 4 – 20 mA DC (Load resistance max. 550 $\Omega$) | | **R** | Power Input | 24V DC | | **2** | Option | High-accuracy / Special Specifications | --- ## 2. Key Electronic Features ### A. Signal Conversion Logic The device functions by applying a reference voltage across a potentiometer. As the wiper moves, the varying resistance is measured and linearized into a proportional current output (4-20mA). This is crucial for tracking the position of valves, actuators, or float levels. ### B. Isolation Structure The M2VT series features **3-port isolation**. This means the following circuits are electrically separated from each other: 1. **Input** (Potentiometer) 2. **Output** (4-20mA loop) 3. **Power Supply** (24V DC) *Benefit: This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges on the field side.* ### C. Construction & Mounting * **Housing:** Flame-resistant resin (Black). * **Terminal Block:** Base socket mounted. The electronic module can be removed from the base without disconnecting the wires, allowing for easy maintenance. * **Adjustments:** Front-facing **Zero** and **Span** adjustments (multi-turn trimmers) for fine-tuning the 0% and 100% points. --- ## 3. Circuit Block Diagram (Simplified) ```mermaid graph LR A[Potentiometer Input] --> B[Input Amplifier] B --> C{Isolation Transformer} C --> D[Output Driver] D --> E[4-20mA Output] F[24V DC Power] --> C ``` --- ## 4. Operational Requirements * **Total Resistance:** Works with any potentiometer between $100 \Omega$ and $10 k\Omega$. * **Excitation Voltage:** The device provides approximately $0.5V$ DC to the potentiometer to sense position. * **Response Time:** $\leq$ 0.5 seconds (0 – 90%). * **Accuracy:** $\pm 0.1\%$ of span.
    ✨ Follow-up Questions
    • ⤷ What is the maximum allowable load resistance for the 4-20mA output?
    • ⤷ Can this device be mounted on a standard DIN rail?
    • ⤷ How do I perform a Zero and Span calibration on the M2VT?