M2XF2-S1V2-R/UL
AI

The **M2XF2-S1V2-R/UL** is a specific model of an industrial-grade **Solid State Relay (SSR)** or a specialized **Interface Module**, typically utilized in automation and control systems.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The device is designed for high-reliability switching where mechanical wear must be avoided. The "UL" suffix indicates compliance with Underwriters Laboratories safety standards.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Solid State Relay (SSR) / Interface Terminal |
| **Mounting Type** | DIN Rail Mounting |
| **Input Signal** | DC Control Voltage (typically 5V, 12V, or 24V depending on sub-variant) |
| **Output Type** | MOSFET or Triac (Load dependent) |
| **Safety Standard** | UL Recognized / CE Marked |
---
### 2. Key Electronic Components & Architecture
The internal circuitry of this module generally consists of three main stages:
#### A. Input Circuit (Control Side)
* **Optocoupler Isolation:** Provides galvanic isolation between the low-voltage control signal (PLC/Microcontroller) and the high-voltage load. This protects the controller from surges.
* **LED Indicator:** A visual status indicator (usually green or red) to show when the input signal is active.
* **Current Limiting Resistor:** Ensures the internal opto-LED operates within safe current limits.
#### B. Trigger Circuit
* **Zero-Cross Detection (Optional):** If the unit switches AC, it often includes zero-cross circuitry to minimize Electromagnetic Interference (EMI) by only switching when the AC voltage is at 0V.
* **Snubber Network:** A combination of a resistor and capacitor (RC) used to suppress voltage spikes (dv/dt) when switching inductive loads.
#### C. Output Circuit (Switching Side)
* **Power Semiconductor:** Uses a MOSFET (for DC loads) or a Triac/SCR (for AC loads).
* **Varistor (MOV):** Integrated Over-voltage protection to shield the semiconductor from transient spikes on the load line.
---
### 3. Terminal Connectivity
The module typically features a pluggable or screw-terminal interface for easy wiring:
| Terminal Label | Function | Description |
| :--- | :--- | :--- |
| **A1 (+) / A2 (-)** | Input Control | Connection to the PLC or Trigger source. |
| **13 / 14 (NO)** | Load Output | The "Contact" that closes to power the device. |
| **Shield/GND** | Grounding | Used for noise reduction and safety. |
---
### 4. Technical Use Case
The **M2XF2-S1V2-R/UL** is commonly found in:
* **PLC Output Expansion:** When the PLC's internal relays cannot handle the required current.
* **High-Frequency Switching:** Applications like PWM (Pulse Width Modulation) for heaters or valves.
* **Silent Operation:** In environments where the "click" of mechanical relays is undesirable (e.g., medical or office automation).
- ⤷
What is the maximum load current (Amps) supported by this model?
- ⤷ Does this module support AC or DC load switching specifically?
- ⤷ How do I troubleshoot a 'No Output' condition on this SSR?