M2XF2-S2V1-R
AI

The part number **M2XF2-S2V1-R** typically refers to a specific configuration of a high-performance **M.2 (NGFF) connector**, often manufactured by companies like *Lotes* or other high-end interconnect suppliers. These components are critical in modern computing for interfacing SSDs, Wi-Fi modules, and AI accelerators.
---
### 1. Technical Specifications Breakdown
The alphanumeric code describes the physical and electrical characteristics of the connector. Here is a general breakdown of the electronic parts involved:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Form Factor** | M.2 (NGFF) | Next Generation Form Factor for slim devices. |
| **Pin Count** | 67 / 75 Pins | Standard M.2 pin density for high-speed data. |
| **Keying** | M-Key or B-Key | Defines the interface (e.g., PCIe x4 vs SATA/USB). |
| **Mounting Type** | SMT (Surface Mount) | Soldered directly to the PCB surface. |
| **Orientation** | Right Angle / Top Mount | Horizontal insertion parallel to the motherboard. |
| **Plating** | Gold (Au) | High conductivity and oxidation resistance on contacts. |
---
### 2. Key Electronic Components & Design
The M2XF2 series is engineered to handle high-frequency signals. The electronic design focuses on three main areas:
#### A. Signal Integrity (High-Speed Lanes)
The internal copper alloy contacts are designed to support **PCIe Gen 4 or Gen 5** speeds. This requires:
* **Low Crosstalk:** Spatial separation between differential pairs.
* **Impedance Control:** Maintaining 85-100 ohms to prevent signal reflection.
#### B. Housing Material (Thermoplastic)
The "body" of the connector is usually made of **LCP (Liquid Crystal Polymer)**.
* **Heat Resistance:** Withstands reflow soldering temperatures (up to 260°C).
* **Halogen-Free:** Meets environmental safety standards (RoHS/Reach).
#### C. Solder Nails/Tabs
The "R" in the suffix often denotes **Reel packaging** for automated assembly, but physically, the part includes reinforced metal tabs (solder nails) on the sides. These provide:
* **Mechanical Grounding:** Reducing EMI (Electromagnetic Interference).
* **Strain Relief:** Preventing the connector from ripping off the PCB during SSD insertion.
---
### 3. Application Use-Cases
This specific connector type is integrated into various electronic assemblies:
1. **Motherboards:** For NVMe SSD expansion slots.
2. **Industrial PCs:** Compact storage solutions in rugged environments.
3. **Edge AI Modules:** Interfacing with M.2 format NPU (Neural Processing Unit) cards.
---
- ⤷
What is the specific height (profile) of the M2XF2-S2V1-R connector?
- ⤷ Is this connector compatible with PCIe Gen 5 signaling standards?
- ⤷ What are the differences between the S2V1 and S2V2 variants?