M2XF2-S2V2-R
AI

The **M2XF2-S2V2-R** is a specific model identifier typically associated with **IEI Integration Corp** for their industrial-grade M.2 expansion modules. This specific part is an M.2 to PCIe expansion card designed to add connectivity (usually Serial ports) to an industrial motherboard or embedded system.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Form Factor** | M.2 B+M Key (2242 or 2280 size) |
| **Interface** | PCIe 2.0 x1 |
| **Expansion Type** | Serial Communication Card |
| **Port Count** | 2-Port RS-232/422/485 |
| **Controller** | EXAR XR17V352 (Commonly used in this series) |
| **Operating Temp** | -20°C to +70°C (Standard Industrial) |
| **Isolation/Protection** | 2kV Isolation (depending on sub-revision) |
---
### 2. Key Electronic Components
The "Electronic Parts" of this module consist of several critical sub-systems:
#### A. The Bridge Chip (ASIC)
The heart of the module is usually an **Exar (MaxLinear) XR17V352** or similar PCIe-to-UART bridge.
* **Function:** It converts the high-speed PCIe differential signals from the M.2 slot into standard UART logic levels.
* **Buffer:** Includes high-depth FIFOs (256-byte) to prevent data loss during high-speed transmissions.
#### B. Transceiver Circuitry
Since logic-level UART cannot travel over long cables, the board includes **Transceiver ICs** (like the SP336 or similar multi-protocol chips).
* **RS-232 Mode:** Pumps voltage up to +/- 5V or 12V.
* **RS-422/485 Mode:** Converts signals to differential pairs for noise immunity over long distances.
#### C. Power Management (LDOs/Regulators)
The M.2 slot provides 3.3V. The board contains **Low Dropout Regulators (LDO)** to step down or stabilize voltages for the internal controller and the transceivers.
#### D. Signal Protection
To survive industrial environments, the module includes:
* **TVS Diodes:** Protects against Electrostatic Discharge (ESD).
* **Termination Resistors:** 120-ohm resistors (often jumper-selectable) for RS-485 stability.
---
### 3. Pinout and Connectivity
The "S2V2" suffix in the model name generally refers to the specific configuration:
* **S2:** 2 Serial Ports.
* **V2:** Version 2 hardware revision.
The connection to the external world is usually via a **wafer connector** (like a 10-pin Hirose or JST) on the M.2 board, which then connects to a DB9 cable.
---
- ⤷
What are the driver requirements for the XR17V352 controller used in this module?
- ⤷ How do I configure the jumpers for RS-485 versus RS-232 mode?
- ⤷ Does this M.2 module support full-duplex communication in RS-422 mode?