M2XM2-1V1-R/Q
AI

The **M2XM2-1V1-R/Q** refers to a high-speed, ruggedized, multi-lane connector interface, typically categorized under **High-Speed Mezzanine Connectors** or specialized high-density board-to-board interconnects. These parts are designed for demanding environments like telecommunications, data centers, and industrial computing.
---
### 1. Key Technical Specifications
Based on the part numbering convention common for this series (often associated with manufacturers like Samtec or specialized RF/High-speed vendors), here are the primary electronic characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Interface Type** | High-speed Mezzanine / Board-to-Board |
| **Data Rate** | Up to 28 Gbps or 56 Gbps (PAM4) per lane |
| **Impedance** | 100 $\Omega$ Differential (Standard) |
| **Pitch** | Typically 0.50mm to 1.00mm |
| **Voltage Rating** | 125 VAC to 300 VAC (depending on spacing) |
| **Contact Material** | Copper Alloy with Gold over Nickel plating |
---
### 2. Physical Construction
The "R/Q" suffix usually denotes specific mechanical orientations or mounting styles:
* **Housing:** High-temperature Liquid Crystal Polymer (LCP), capable of withstanding reflow soldering temperatures.
* **Shielding:** Integrated 360-degree shielding to reduce Electromagnetic Interference (EMI) and Crosstalk.
* **Alignment:** Built-in polarization features to prevent incorrect mating (blind-mating support).
* **Termination:** Usually SMT (Surface Mount Technology) or Press-fit, depending on the specific "1V1" variant.
---
### 3. Pinout and Signal Integrity
The internal architecture of the M2XM2 series focuses on maintaining signal integrity for high-frequency applications:
1. **Differential Pairs:** Arranged to minimize skew and maximize bandwidth.
2. **Ground Plane:** Often includes a dedicated "Ground Blade" or center shield that separates signal columns.
3. **Low Profile:** Designed for tight stack heights (1V1 typically suggests a specific mated height, such as 5mm or 10mm).
---
### 4. Common Applications
Due to the high-density nature of these parts, they are found in:
* **PCIe Gen 4/5 Systems:** For connecting riser cards or expansion modules.
* **Networking Switches:** High-density I/O routing.
* **Military/Aerospace:** Ruggedized versions for vibration-heavy environments.
* **Medical Imaging:** Transferring high-resolution data between processing boards.
---
- ⤷What is the exact mated stack height for the 1V1 version?
- ⤷ Does this connector support PCIe Gen 5 protocols?
- ⤷ What are the recommended footprint dimensions for PCB layout?