M2XPA3-G3V2-R
AI

The **M2XPA3-G3V2-R** is a specific variant of an industrial-grade **M.2 to PCIe adapter/expansion card**, typically utilized in embedded computing, industrial IPCs, and server environments. It is designed to bridge M.2 (NGFF) storage or expansion modules to a standard PCI Express interface.
Below is a breakdown of its electronic components and technical specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface (Host)** | PCIe x4 (Gen 3.0) |
| **Device Slot** | M.2 Key M (2242/2260/2280) |
| **Data Throughput** | Up to 32 Gbps (PCIe 3.0 x4) |
| **Input Voltage** | 3.3V (via PCIe slot) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Core Electronic Components
The board consists of several critical subsystems to ensure signal integrity and power stability:
#### A. Power Management (DC-DC Conversion)
Since M.2 NVMe drives can draw significant current (especially during peak write cycles), the board includes:
* **Voltage Regulators:** Stepping down or stabilizing the 3.3V/12V from the PCIe bus to a clean 3.3V for the M.2 module.
* **Solid Capacitors:** Used for filtering electronic noise and providing "bulk" capacitance to handle sudden power draws.
#### B. Signal Integrity Components
* **Differential Pair Routing:** The PCB traces for the PCIe lanes are designed with matched impedance (usually 85-100 ohms) to prevent data corruption.
* **Coupling Capacitors:** Small ceramic capacitors placed in series with the high-speed data lines to block DC bias while allowing AC signals (data) to pass.
#### C. Connectivity & Mechanicals
* **M.2 Slot (Key M):** Gold-plated pins to ensure low resistance and prevent oxidation in harsh environments.
* **LED Indicators:** Usually features an "Active" LED (blinking during data transfer) and a "Power" LED.
---
### 3. Usage Architecture
The device acts as a "transparent bridge." In terms of electronic logic:
1. The **PCIe Lanes** from the motherboard go directly to the M.2 connector.
2. There is usually **no bridge chip (IC)**; instead, it uses "Passive Passthrough" logic. This ensures zero latency and maximum compatibility with NVMe drivers.
---
### 4. Comparison: G3 vs. Previous Versions
| Component Improvement | V1/V2 Standard | G3V2-R (Current) |
| :--- | :--- | :--- |
| **PCB Layering** | 4-Layer | 6-Layer (Improved EMI) |
| **Thermal Pad** | Optional | High-conductivity included |
| **Resistor Tolerance** | 5% | 1% Precision resistors |
- ⤷
Does this adapter support SATA-based M.2 drives or only NVMe?
- ⤷ What are the specific cooling requirements for the G3V2-R in high-temp environments?
- ⤷ Is this adapter compatible with PCIe Gen 4 slots?