M2XR2-1V2-R/UL
AI

The **M2XR2-1V2-R/UL** is a high-performance, plug-in type signal conditioner (specifically a DC Transmitter) manufactured by **M-System**. It is designed to take a DC input signal and convert it into a standard, isolated DC output.
---
### 1. General Specifications
The device belongs to the **M2 series**, known for its compact design and reliability in industrial automation.
| Feature | Specification |
| :--- | :--- |
| **Model** | M2XR2-1V2-R/UL |
| **Input Signal** | 0 – 10V DC (Represented by code '1') |
| **Output Signal** | 1 – 5V DC (Represented by code 'V2') |
| **Power Input** | 24V DC (Represented by code 'R') |
| **Certifications** | UL/cUL Listed |
| **Construction** | Plug-in type with socket base |
---
### 2. Core Electronic Components & Architecture
The device utilizes a specific electronic topology to ensure precision and signal integrity:
* **Isolation Circuitry:** It features **three-way isolation** (Input to Output to Power). This prevents ground loops and protects sensitive control equipment from electrical surges or noise.
* **Operational Amplifiers (Op-Amps):** High-precision amplifiers are used to scale and linearize the input signal.
* **Power Supply Module:** A DC-to-DC converter is integrated to manage the 24V DC input and distribute stable voltage to the internal sensing components.
* **Adjustment Trimmers:** The front panel contains **ZERO** and **SPAN** adjustments (potentiometers) to fine-tune the output accuracy (typically ±10% range).
---
### 3. Technical Parameters
| Parameter | Value |
| :--- | :--- |
| **Accuracy** | ±0.1% |
| **Response Time** | ≤ 0.5 seconds (0 to 90%) |
| **Insulation Resistance** | 100 MΩ or more with 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Operating Temperature** | -5 to +55°C (23 to 131°F) |
---
### 4. Wiring and Installation
The unit uses a **base socket** for easy maintenance, allowing the electronics to be replaced without disconnecting wires.
```text
Terminal Connections (Typical):
1. Output (+)
2. Output (-)
4. Input (+)
5. Input (-)
7. Power (L+) 24V DC
8. Power (N-) 0V DC
```
- ⤷
What are the specific mounting requirements for the M2XR2 series?
- ⤷ Does this model support 4-20mA output via configuration?
- ⤷ How do I perform a field calibration using the ZERO/SPAN trimmers?