M2XR2-4V2-R/CE
AI

The **M2XR2-4V2-R/CE** is a high-performance, plug-in type signal conditioner (transmitter) manufactured by **M-System**. It is specifically designed to accept a DC input signal and provide two independent, isolated DC output signals.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Model Code Breakdown
Understanding the specific suffix of the model reveals its configuration:
| Component | Code | Specification |
| :--- | :--- | :--- |
| **Model** | **M2XR2** | Dual-output signal conditioner (Plug-in) |
| **Input** | **4** | 0 – 10V DC |
| **Output 1** | **V** | High-speed response |
| **Output 2** | **2** | 1 – 5V DC |
| **Power Input** | **R** | 24V DC |
| **Standards** | **CE** | CE marking compliant |
---
### 2. Key Electronic Specifications
The internal electronics are designed for industrial precision and signal integrity.
* **Input Impedance:** Typically $\ge 1$ M$\Omega$ for voltage inputs to minimize loading effects on the source.
* **Response Time:** The "V" version indicates a **High-speed response**, usually $\le 500$ μs (0 – 90%). Standard versions are typically around 0.5 seconds.
* **Isolation Structure:** 4-way isolation. The Input, Output 1, Output 2, and Power are all galvanically isolated from one another.
* **Isolation Resistance:** $\ge 100$ M$\Omega$ with 500V DC.
* **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground).
---
### 3. Performance Characteristics
This device is often used in critical control loops where signal splitting is required without interference.
| Feature | Specification |
| :--- | :--- |
| **Accuracy** | $\pm 0.1\%$ of span |
| **Temperature Coefficient** | $\pm 0.015\%$ per $^\circ C$ |
| **Power Consumption** | Approx. 3W |
| **Operational Temp** | -5 to +55 $^\circ C$ |
| **Mounting** | Surface or DIN rail (uses a socket base) |
---
### 4. Circuit Diagram Representation
Internally, the signal flows through several stages to ensure linearity and protection:
```mermaid
graph LR
Input[0-10V DC Input] --> ISO1[Isolation Barrier]
ISO1 --> Amp[Signal Processing]
Amp --> Out1[Output 1: High Speed]
Amp --> Out2[Output 2: 1-5V DC]
Power[24V DC] --> Reg[Voltage Regulator]
Reg --> ISO1
```
---
### 5. Application Context
Because this model features **High-speed response (V)**, it is specifically utilized in:
* **Motion Control:** Synchronizing two different drives that require immediate signal updates.
* **Data Acquisition:** Sending a signal to a PLC and a high-speed recorder simultaneously.
* **Safety Interlocks:** Where a delay in signal transmission could result in equipment damage.
- ⤷
What are the wiring differences between the M2XR2 and the standard M2XR models?
- ⤷ How does the 'High-speed response' affect the signal noise filtering?
- ⤷ Is this model compatible with 110V AC power via an adapter?