M2XR2-5V1-R/N
AI

The **M2XR2-5V1-R/N** belongs to a specialized category of signal conditioning and isolation modules, typically manufactured by companies like **M-System (MG CO., LTD.)**. These devices are used in industrial automation to interface between field sensors and control systems (PLC/DCS).
---
### 1. Component Overview
The M2XR2 series is a **Plug-in Redundant Signal Conditioner**. Its primary function is to take one analog input and provide two independent, isolated outputs. This ensures that if one receiving device fails or is disconnected, the other remains functional.
### 2. Technical Specifications
Based on the part number nomenclature, here are the technical breakdowns:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Model Type** | M2XR2 | Redundant Signal Conditioner (2-way output) |
| **Input Type** | Configurable | Typically DC voltage or current (mA) |
| **Power Input** | 5V | Indicates the logic or supply voltage requirement |
| **Output 1** | 1 - 5V DC | Standard industrial voltage signal |
| **Output 2** | 1 - 5V DC | Redundant/Independent second signal |
| **Isolation** | 3-Way or 4-Way | Input to output 1 to output 2 to power |
| **Mounting** | Plug-in | Base socket mounted for easy maintenance |
---
### 3. Key Electronic Characteristics
* **Signal Isolation:** Protects sensitive PLC/DCS inputs from high-voltage transients or ground loops occurring at the field sensor level.
* **Dual Output (Redundancy):** The "R2" designation signifies that the input signal is split into two identical outputs. This allows for:
1. Simultaneous monitoring by two different systems.
2. Local display + Remote control signal.
* **Response Time:** Usually characterized by a fast response (milliseconds) to ensure real-time process tracking.
* **Zero/Span Adjustment:** Front-facing potentiometers allow for fine-tuning the calibration of the 1-5V signals.
### 4. Typical Connection Diagram (General)
```text
[ FIELD SENSOR ] ------> [ INPUT (+) (-) ]
|
| [ M2XR2 MODULE ]
|
+--> [ OUTPUT 1 (1-5V) ] --> [ PLC ]
+--> [ OUTPUT 2 (1-5V) ] --> [ CHART RECORDER ]
```
---
### 5. Application Areas
* **Power Plants:** Distributing a single temperature sensor signal to both a safety shutdown system and a logging system.
* **Chemical Processing:** Preventing ground loop interference between multiple instruments connected to the same sensor.
* **Retrofitting:** Converting older 4-20mA signals into 1-5V signals for specific controller requirements.
- ⤷What is the difference between the -R and -N suffixes for this specific model?
- ⤷ Does this module require a specific mounting base or socket?
- ⤷ Can the input be changed from DC voltage to a Thermocouple signal?