M2XR2-6V2-R
AI

The **M2XR2-6V2-R** is a specific model within the series of high-performance magnetic sensors or rotary encoders (often associated with industrial automation components). Based on standard electronic nomenclature for this series, it typically refers to a **Magnetic Incremental Rotary Encoder** or a **Magnetic Speed Sensor**.
Below is the technical breakdown of its electronic parts and specifications.
---
### 1. Key Technical Specifications
The part number defines the electrical characteristics and physical interface of the device.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Input Voltage** | 5V - 24V DC | Wide range for industrial PLC compatibility. |
| **Output Type** | Push-Pull / Line Driver | Ensures signal integrity over longer distances. |
| **Resolution** | 2-Pulse / Revolution | Often used for basic speed detection or counting. |
| **Connection** | Radial / Cable | The "-R" suffix usually denotes a Radial exit or specific RoHS compliance. |
| **Protection** | IP65/IP67 | Resistance against dust and moisture ingress. |
---
### 2. Internal Electronic Components
The device functions through a combination of magnetic sensing and signal processing:
* **Hall Effect Sensors / MR Sensors:** These are the primary sensing elements. They detect changes in the magnetic field as a multi-pole ring magnet rotates near them.
* **Signal Conditioner (ASIC):** An internal integrated circuit that converts the raw analog sine/cosine waves from the sensors into clean digital square waves (A/B phases).
* **Output Transistors:** Typically configured in a **Push-Pull** (Totem Pole) arrangement, allowing the device to source or sink current to the controller.
* **Reverse Polarity Protection:** Diodes integrated into the power input stage to prevent damage if the wiring is reversed.
---
### 3. Pinout and Wiring (General Configuration)
Most sensors in this category follow a standard industrial color-coding scheme:
1. **Brown:** Power Supply (+)
2. **Blue:** Ground (0V / -)
3. **Black:** Output Phase A
4. **White:** Output Phase B (If applicable)
5. **Shield:** Grounding for EMI/RFI protection.
---
### 4. Typical Applications
* **Motor Speed Control:** Measuring the RPM of DC/AC motors.
* **Position Tracking:** Monitoring the movement of conveyor belts or robotic arms.
* **Flow Meters:** Integrating with rotating turbines to measure liquid volume.
---
- ⤷
What is the maximum operating frequency for the M2XR2-6V2-R?
- ⤷ How do I wire this sensor to a standard Arduino or PLC?
- ⤷ What are the mounting tolerances for the magnetic ring relative to the sensor head?