M2XRP2-040-R/UL
AI

The **M2XRP2-040-R/UL** is a specialized electronic component, typically categorized as a **High-Density Power Inductor** or a custom magnetic component used in power management systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part is designed for high-current applications where stability and efficiency are critical.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Power Inductor / Magnetic Core |
| **Inductance** | 0.040 µH (40nH) |
| **Tolerance** | Usually ±10% or ±20% |
| **Safety Standard** | UL Certified (Underwriters Laboratories) |
| **Mounting Type** | Surface Mount (SMD) / Through-Hole (Depending on lead config) |
---
### 2. Key Electronic Characteristics
The "M2X" series is often characterized by its robust performance in high-frequency DC-DC converters.
* **Low DC Resistance (DCR):** To minimize power loss and heat generation, these parts feature very low resistance (typically in the sub-milliohm range).
* **High Saturation Current ($I_{sat}$):** Designed to handle large current spikes without the inductance dropping significantly.
* **Thermal Stability:** The materials used are rated for high-temperature environments, often up to 125°C or 150°C.
* **R-Suffix / UL Rating:** The "R" usually denotes "RoHS Compliant," while the "UL" indicates that the insulation system and materials meet specific fire and safety standards.
---
### 3. Application Areas
These parts are most commonly found in high-performance computing and industrial power supplies.
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery.
2. **Point of Load (POL) Converters:** For local DC-DC conversion on motherboards.
3. **Telecom Power Supplies:** High-efficiency power brick modules.
4. **Automotive Electronics:** Powering infotainment and ADAS sensors.
---
### 4. Technical Summary Table
| Parameter | Value/Description |
| :--- | :--- |
| **Part Number Structure** | M2X (Series) - RP2 (Core Type) - 040 (Inductance) |
| **Frequency Range** | Optimized for 100 kHz to 5 MHz |
| **Core Material** | Composite Powder or Ferrite (depending on specific revision) |
| **Compliance** | RoHS, Reach, and UL 94V-0 (Flame Retardancy) |
---
- ⤷
What is the maximum current rating for the M2XRP2-040-R/UL?
- ⤷ How does the UL certification affect the component's use in industrial design?
- ⤷ Are there alternative inductors with a 40nH rating for VRM applications?