Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2XRP2-A40-R

  • AI
    The **M2XRP2-A40-R** is a specific model within the **M2X series** of axial piston motors, manufactured by **Kawasaki Precision Machinery**. These motors are widely used in the swing drives of excavators and other construction machinery. While the unit is primarily hydraulic, its electronic integration (the "R" suffix and associated sensors) is critical for modern machine control. --- ### 1. Electronic Component Overview The electronic aspects of this motor typically involve the control of displacement, parking brakes, and integrated pressure monitoring. | Component | Function | Description | | :--- | :--- | :--- | | **Solenoid Valve** | Control Interface | Converts electrical signals from the machine ECU into hydraulic pilot pressure to trigger motor functions. | | **Brake Release Solenoid** | Safety/Operation | Electrically releases the mechanical parking brake when the operator initiates a swing command. | | **Speed Sensor (Optional)** | Monitoring | Measures the RPM of the cylinder block to provide feedback to the machine's control system. | | **Swash Plate Angle Sensor** | Displacement Control | Monitors the position of the swash plate to ensure precise torque and speed regulation. | --- ### 2. Functional Electronic Systems #### A. Swing Brake Control The "R" in the model code often denotes the inclusion of a relief valve or specific brake configuration. Electronically, the **Swing Parking Brake** is normally engaged by springs. When the operator moves the joystick, the ECU sends a signal to a solenoid valve (often mounted on or near the M2X motor) to allow pilot pressure to compress the springs and release the brake discs. #### B. Anti-Shock & Crossover Relief Modern M2X motors utilize electronic sensors to monitor pressure spikes during "Swing Stop" maneuvers. - **Pressure Sensors:** Feed data back to the Controller. - **Proportional Valves:** Can be used to modulate the deceleration ramp, preventing structural damage to the excavator boom. #### C. Two-Speed Switching (Variable Displacement) If the motor is a variable displacement version, an electronic solenoid shifts the swash plate between two positions: 1. **High Speed / Low Torque:** For rapid positioning. 2. **Low Speed / High Torque:** For heavy lifting or uphill swinging. --- ### 3. Connection & Signal Specifications The electronics on these motors generally operate under standard industrial/mobile equipment ratings: * **Voltage:** 24V DC (Standard for heavy machinery) or 12V DC. * **Connector Types:** Typically **Deutsch DT Series** (DT04-2P) or **AMP Superseal**, designed for high-vibration and waterproof environments (IP67/69K). * **Signal Type:** PWM (Pulse Width Modulation) is often used for proportional control valves to ensure smooth transitions. --- ### 4. Technical Summary Table | Attribute | Specification | | :--- | :--- | | **Motor Series** | Kawasaki M2X (Axial Piston) | | **Control Logic** | Electro-Hydraulic Pilot | | **Typical Voltage** | 24V | | **Common Application** | Excavator Swing Drive (20-30 Ton Class) | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M2X and M5X series electronics?
    • ⤷ How do I troubleshoot a solenoid failure on an M2X motor?
    • ⤷ Can the M2XRP2-A40-R be retrofitted with a speed sensor?