Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2XRP2-A4Z1-R/N

  • AI
    The **M2XRP2-A4Z1-R/N** is a specialized electronic component, typically classified as an **Advanced Power Management Module** or a **Voltage Regulator Module (VRM)** used in high-performance computing, industrial automation, or telecommunications hardware. --- ### 1. Component Overview This part belongs to a family of high-density DC-DC converters designed to provide stable, low-voltage power to sensitive processors (CPUs), FPGAs, or ASICs. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Point-of-Load (PoL) Power Module | | **Configuration** | Multiphase Synchronous Buck Converter | | **Input Voltage Range** | Typically 4.5V to 14V DC | | **Output Current** | High-amperage capacity (often 20A - 40A depending on cooling) | | **Communication** | PMBus / I2C Support for digital monitoring | --- ### 2. Key Electronic Features The "M2X" series emphasizes efficiency and thermal management. Below are the core electronic characteristics: * **Integrated Power Stage:** Combines the controller, driver, and MOSFETs into a single compact footprint to reduce parasitic inductance. * **Precision Regulation:** Capable of maintaining tight output voltage tolerances (often within +/- 1%) required by modern 7nm and 5nm semiconductor chips. * **Thermal Protection:** Includes internal temperature sensors that trigger "Thermal Shutdown" or "Thermal Warping" via the PMBus interface. * **Soft Start & Sequencing:** Allows for controlled power-up ramps to prevent inrush current spikes that could damage the PCB. --- ### 3. Part Number Suffix Breakdown While specific manufacturer naming conventions vary, the suffix **-A4Z1-R/N** usually indicates: * **A4:** Revision or specific voltage set-point configuration. * **Z1:** Specific packaging type (often LGA or BGA for low profile). * **R:** Tape and Reel packaging for automated pick-and-place assembly. * **N:** Lead-free (RoHS compliant) and halogen-free material construction. --- ### 4. Typical Applications These modules are found on high-end motherboards and carrier cards: 1. **Data Centers:** Powering high-speed networking switches. 2. **Edge AI:** Providing stable power to GPU-accelerated edge devices. 3. **Industrial IoT:** Regulating power for logic controllers in harsh electrical environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for this module?
    • ⤷ Can this part be programmed via PMBus to change the output voltage?
    • ⤷ What is the recommended footprint or land pattern for the A4Z1 package?