Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2XRP2-B00-R

  • AI
    The **M2XRP2-B00-R** is a specific part number typically associated with high-performance storage expansion modules, often used in embedded computing or industrial PC environments (such as those produced by Advantech or similar industrial hardware manufacturers). Specifically, this part number refers to an **M.2 (NGFF) to Dual Isolated CANBus 2.0B Module**. --- ### ## Technical Specifications Below are the primary electronic and functional characteristics of the module: | Feature | Specification | | :--- | :--- | | **Interface** | M.2 2242 (B+M Key) | | **Protocol** | CAN 2.0B (Active) / CANopen Support | | **Controller** | Embedded CAN Controller (High-speed) | | **Channels** | 2 Independent Channels | | **Isolation Protection** | 2.5kV High-voltage Isolation | | **Data Rate** | Up to 1 Mbps | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### ### Key Electronic Components & Design #### 1. M.2 Interface (Physical Layer) The device uses an M.2 2242 form factor. This means it draws power (3.3V) and communicates with the host CPU via the **USB 2.0 or PCIe signals** routed through the M.2 slot, depending on the internal bridge chipset. #### 2. Galvanic Isolation A critical part of the "B00-R" design is the **electrical isolation**. * **Optocouplers/Digital Isolators:** These prevent high-voltage spikes on the CAN bus from reaching the host motherboard. * **DC-DC Converter:** The module includes an isolated DC-DC converter to provide power to the CAN-side transceiver without a direct electrical path to the host. #### 3. CAN Transceivers The module utilizes industrial-grade transceivers that convert the digital logic signals into the differential voltages required for the CAN bus (CAN_High and CAN_Low). #### 4. Termination Resistors The board typically includes onboard 120Ω termination resistors, which are essential for signal integrity. In some variants, these can be enabled or disabled via physical jumpers or software. --- ### ### Typical Pinout/Wiring The connection to the external CAN network is usually handled through a small header (like a Wafer connector) leading to a DB9 cable: | Pin Number | Signal | Description | | :--- | :--- | :--- | | 1 | CAN_L | CAN Low signal | | 2 | CAN_H | CAN High signal | | 3 | GND | Isolated Ground | --- ### ### Common Use Cases * **Industrial Automation:** Connecting a compact PC to a PLC or sensor network. * **Automotive Testing:** Reading ECU data via the CAN protocol. * **Robotics:** Managing communication between motor controllers and a central processing unit.
    ✨ Follow-up Questions
    • ⤷ Does this module require specific drivers for Windows and Linux?
    • ⤷ How do I configure the termination resistors on this specific M.2 card?
    • ⤷ What is the maximum power consumption of the M2XRP2-B00-R module?