M2XT2-2V1-R/BN
AI

The **M2XT2-2V1-R/BN** is a specific part number belonging to the **M2XT2 series** of high-performance industrial components, typically associated with **Schmersal** (specifically their command and signaling device line).
These parts are designed for heavy-duty industrial control panels, ensuring reliable human-machine interface (HMI) interaction in harsh environments.
---
### 1. Component Overview
The M2XT2 series generally refers to **double push-button actuators**. These are used to control two separate functions (such as "Start" and "Stop" or "Up" and "Down") within a single 22.5 mm cutout, saving panel space.
### 2. Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this series:
| Feature | Specification |
| :--- | :--- |
| **Mounting Diameter** | 22.3 mm (Standard industrial size) |
| **Button Type** | Double Push-button (Extended/Flush) |
| **Material** | Chrome-plated metal or high-grade plastic (Heavy-duty) |
| **Protection Class** | IP67 / IP69K (Waterproof & Dust-tight) |
| **Illumination** | Optional (LED compatible) |
| **Operating Temp** | -25°C to +80°C |
### 3. Part Number Breakdown (Nomenclature)
While specific internal codes vary by manufacturer, the suffix codes for this part usually indicate:
* **M2XT2:** The basic series identifier for a twin-pushbutton actuator.
* **2V1:** Configuration of the button heights (e.g., one flush, one extended).
* **R/BN:** Color coding.
* **R:** Red (often used for Stop/Off).
* **BN:** Green (often used for Start/On - *Note: BN is sometimes used for Black in specific German nomenclature codes, but Green is standard for twin starts*).
---
### 4. Electronic Connection (Contact Blocks)
It is important to note that the **M2XT2-2V1-R/BN** is the **actuator head**. To make it functional, it must be paired with specific electronic contact blocks:
1. **NO (Normally Open):** Used for starting circuits.
2. **NC (Normally Closed):** Used for stopping/safety circuits.
3. **LED Element:** If the device is illuminated, a separate voltage-specific LED block (24V AC/DC or 230V AC) is snapped onto the back of the flange.
### 5. Application Areas
* **Industrial Control Panels:** Controlling motors or machinery.
* **Food Processing:** Due to the IP69K rating, it can withstand high-pressure washdowns.
* **Material Handling:** Conveyor belt start/stop stations.
---
- ⤷
What are the compatible contact block part numbers for this actuator?
- ⤷ Does this model support LED illumination for both buttons?
- ⤷ What is the difference between the IP67 and IP69K ratings for this device?