AI

The **M2XU-00-R** is a specific model within the **M2 Series** of plug-in signal conditioners manufactured by **M-System**. This particular unit is a **Potentiometer Transmitter**, designed to sense the position of a potentiometer (variable resistor) and convert it into a standard analog signal.
### 1. Model Breakdown
The nomenclature of the device reveals its specific electronic configuration:
| Code | Meaning | Description |
| :--- | :--- | :--- |
| **M2** | Series Name | Mini-M Series Signal Conditioners |
| **XU** | Function | Potentiometer Transmitter |
| **0** | Input | Total resistance 100 $\Omega$ to 10 k$\Omega$ |
| **0** | Output | Selectable/Standard (typically 4–20mA or 1–5V DC) |
| **R** | Power Input | 24V DC |
---
### 2. Key Electronic Components & Features
#### Input Circuitry (Potentiometer Interface)
* **Constant Voltage Excitation:** The device applies a stable, low voltage across the external potentiometer to measure the wiper position.
* **Burnout Protection:** It includes circuitry to detect if the potentiometer wire is broken. In a "burnout" scenario, the output will typically go to an upscale (max) or downscale (min) limit to alert the control system.
#### Signal Conditioning & Isolation
* **Three-Way Isolation:** This is a critical electronic feature. The **Input**, **Output**, and **Power** circuits are electrically isolated from one another (usually up to 2000V AC). This prevents ground loops and protects sensitive PLC/DCS equipment from field surges.
* **Zero & Span Adjustment:** Located on the front panel, these potentiometers allow for fine-tuning the electronic calibration to match the physical range of the mechanical equipment.
#### Output Driver
* **Linear Conversion:** The internal electronics ensure that the change in resistance is converted linearly into a DC current or voltage.
* **High Load Resistance:** The output driver is designed to push a 4–20mA signal through loops with up to 550 $\Omega$ of resistance.
---
### 3. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Power Consumption** | Approx. 2W |
| **Input Resistance** | 100 $\Omega$ to 10 k$\Omega$ |
| **Isolation Resistance** | $\geq$ 100 M$\Omega$ at 500V DC |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Accuracy** | $\pm$0.1% of span |
| **Mounting** | DIN Rail (Plug-in base) |
---
### 4. Wiring Overview
The M2XU uses a base socket for wiring. The typical pin configuration includes:
1. **Terminals 1, 2, 3:** Potentiometer Input (High, Wiper, Low).
2. **Terminals 4, 5:** Analog Output (+ / -).
3. **Terminals 6, 7:** Power Supply (24V DC).
- ⤷
How do you calibrate the Zero and Span settings on the M2XU-00-R?
- ⤷ What are the specific burnout options available for this transmitter?
- ⤷ Can this unit be powered by 110V AC instead of 24V DC?