M2XU-Z1V1-R
AI

The **M2XU-Z1V1-R** belongs to the M2 series of ultra-miniature plug-in signal conditioners, typically manufactured by **M-System**. This specific model is an **Electronic Potentiometer Transmitter**. It is designed to sense the position of a potentiometer (slidewire) and convert it into a standard DC output signal.
---
### 1. Model Code Breakdown
The alphanumeric string defines the specific hardware configuration:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **M2XU** | Base Model | Potentiometer Transmitter (Plug-in type) |
| **Z1** | Input Type | Potentiometer / Slidewire (Standard 100 $\Omega$ to 10 k$\Omega$) |
| **V1** | Output Type | 0 – 1 V DC (Voltage Output) |
| **R** | Power Input | 24V DC |
---
### 2. Electronic Components & Functionality
Internally, the device consists of several key electronic stages:
#### A. Input Circuit (Potentiometer Interface)
* **Reference Voltage Source:** The device provides a stable excitation voltage to the external potentiometer.
* **High-Impedance Buffer:** It measures the wiper voltage without loading the potentiometer, ensuring high linearity.
* **Burnout Protection:** Includes circuitry to detect if the potentiometer wire breaks.
#### B. Signal Conditioning Stage
* **Zero/Span Adjustments:** Trimmer potentiometers (accessible on the front) allow for calibration of the 0% and 100% points.
* **Isolation Barrier:** Uses an optoisolator or transformer to provide 3-way isolation (Input to Output to Power). This prevents ground loops and protects equipment.
#### C. Output Stage
* **Voltage Driver:** Converts the processed signal into a stable **0–1V DC** signal.
* **Filtering:** Low-pass filters are used to remove high-frequency noise from the output.
---
### 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Standard Resistance** | 100 $\Omega$ to 10 k$\Omega$ |
| **Output Load Resistance** | 1000 $\Omega$ minimum |
| **Isolation** | Input to output to power to ground |
| **Isolation Resistance** | 100 M$\Omega$ at 500V DC |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Housing Material** | Flame-resistant resin (Black) |
---
### 4. Wiring Diagram Concept
```text
[ Potentiometer ] [ M2XU-Z1V1-R ] [ Receiver ]
(CW) Pin 1 ---------- Pin 1 (High)
(Wp) Pin 2 ---------- Pin 2 (Wiper) -----> Output (0-1V)
(CCW) Pin 3 ---------- Pin 3 (Low) -----> Ground/COM
```
- ⤷
How do you calibrate the Zero and Span on this specific model?
- ⤷ What are the common causes for a 'Burnout' error in this transmitter?
- ⤷ Can this unit be mounted on a standard DIN rail?