M2XUM-00-R
AI

The **M2XUM-00-R** is a specific electronic component within the **M2X series**, manufactured by **Advantech**. It is primarily designed as a modular expansion card used in industrial computing and networking applications.
---
### 1. Component Overview
The M2XUM-00-R is a **Mini PCIe to USB 3.0** expansion module. Its primary function is to convert an internal Mini PCI Express slot into high-speed USB ports, typically for industrial PCs (IPCs) or embedded systems that require additional peripheral connectivity.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | Full-size Mini PCIe |
| **Interface** | PCI Express Gen 2 x1 |
| **Output Ports** | 2 x USB 3.0 Ports |
| **Data Transfer Rate** | Up to 5 Gbps (SuperSpeed) |
| **Power Output** | 5V / 900mA per port |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Controller** | Renesas uPD720202 (commonly used) |
---
### 3. Key Electronic Features
#### A. High-Speed Connectivity
By leveraging the **PCI Express Gen 2** bus, the module bypasses the limitations of legacy USB 2.0 headers, allowing for the full bandwidth (5 Gbps) required by industrial cameras, high-speed sensors, and external storage.
#### B. Power Management
Because the Mini PCIe slot itself provides limited power (3.3V), the M2XUM-00-R often features a **DC-to-DC converter** or an external 4-pin/SATA power connector requirement to ensure each USB 3.0 port receives a stable **5V/900mA** output as per USB standards.
#### C. Ruggedized Design
The "-R" in the part number often signifies a ruggedized or revised version suitable for **wide-temperature** environments. This includes:
* Solid-state capacitors for longevity.
* Industrial-grade PCB coating.
* High-tolerance oscillators.
### 4. Typical Applications
* **Industrial Automation:** Connecting high-resolution vision cameras to a compact IPC.
* **IoT Gateways:** Adding LTE or Wi-Fi dongles that require USB 3.0 bandwidth.
* **Embedded Systems:** Expanding I/O in space-constrained enclosures where standard PC expansions aren't possible.
---
### 5. Installation Note
To utilize this part, the host motherboard must have a **Full-size Mini PCIe slot** with a PCIe signal. Note that some Mini PCIe slots are "mSATA only" and will not support this module.
- ⤷
What are the power requirements for the M2XUM-00-R module?
- ⤷ Is this module compatible with Half-size Mini PCIe slots?
- ⤷ Does this card require specific drivers for Windows 10/11?