Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2XV2-S2V1-R

  • AI
    The part number **M2XV2-S2V1-R** typically refers to a high-performance **M.2 M-Key to CFexpress Type-B** expansion card or adapter, often used in embedded computing, industrial cameras, or high-speed data storage transitions. Below is the technical breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface (Host)** | M.2 M-Key (PCIe Gen3 or Gen4 x2/x4) | | **Interface (Device)** | CFexpress Type-B Slot | | **Data Rate** | Up to 32Gbps (PCIe 3.0 x4) or 64Gbps (PCIe 4.0 x4) | | **Form Factor** | Standard M.2 2280 | | **Voltage Input** | 3.3V (via M.2 Slot) | --- ### 2. Core Electronic Components The "Electronic Parts" of this adapter are designed to bridge two different physical form factors that share the same underlying PCIe protocol. #### A. The PCB (Printed Circuit Board) * **Impedance Control:** Since it carries high-speed PCIe signals, the PCB is designed with differential pair routing and controlled impedance (usually 85Ω or 100Ω) to prevent signal degradation. * **Gold Fingers:** The M.2 connector side features hard gold plating to ensure low contact resistance over multiple insertion cycles. #### B. Power Management (Voltage Regulation) * **DC-DC Converters / LDOs:** CFexpress cards can be power-hungry during burst writes. The board contains Low Dropout Regulators (LDOs) or small buck converters to stabilize the 3.3V rail provided by the motherboard. * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCCs) are placed near the CFexpress slot to filter high-frequency noise and handle instantaneous current spikes. #### C. Signal Integrity Components * **Coupling Capacitors:** Small 0201 or 0402 sized capacitors (usually 0.1uF or 0.22uF) are placed in series with the PCIe TX/RX lines to provide AC coupling and DC blocking. * **ESD Protection:** Transient Voltage Suppressor (TVS) diodes may be integrated to protect the sensitive PCIe controller from static electricity during card insertion. --- ### 3. Pin Mapping Logic Because both M.2 (M-Key) and CFexpress Type-B utilize the **NVMe/PCIe** protocol, this part acts primarily as a **transparent physical bridge**. | M.2 Pin Type | Mapping | CFexpress Pin Type | | :--- | :--- | :--- | | **PCIe Lanes** | Direct Pass-through | High-speed Diff Pairs | | **REFCLK** | Clock Buffer/Direct | Reference Clock | | **PERST#** | Logic Level Match | Fundamental Reset | | **3.3V / GND** | Power Plane | Power/Return Path | --- ### 4. Common Applications 1. **Industrial Imaging:** Adapting industrial cameras that use CFexpress to standard PC motherboards for data offloading. 2. **Product Development:** Testing CFexpress Type-B storage media on a standard M.2 test bench. 3. **Storage Expansion:** Using high-speed CFexpress cards as primary boot drives in specialized small-form-factor PCs.
    ✨ Follow-up Questions
    • ⤷Does this adapter support PCIe 4.0 speeds
    • ⤷ or is it limited to PCIe 3.0?
    • ⤷ Does it require any driver installation for the OS to recognize the CFexpress card?
    • ⤷ What are the thermal considerations when using this adapter in a closed chassis?