M2XV2-S2Z1-R/UL
AI

The **M2XV2-S2Z1-R/UL** is a specific industrial-grade safety limit switch, typically manufactured by brands like **Moujen Electric**. These components are critical in automation for detecting the presence of objects or the position of machinery parts.
---
## 1. Technical Specifications Overview
The model number can be broken down into its core electronic and mechanical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Contact Type** | 1NO + 1NC | One Normally Open and One Normally Closed contact. |
| **Switching Mechanism** | Snap Action | Ensures rapid opening/closing regardless of actuator speed. |
| **Actuator Style** | Side Rotary | Features a lever arm that rotates to trigger the internal switch. |
| **Housing Material** | Zinc Die-cast | Provides heavy-duty protection and EMI shielding. |
| **Safety Certification** | UL / cUL | Meets North American safety standards for industrial use. |
| **Ingress Protection** | IP67 | Dust-tight and protected against temporary immersion in water. |
---
## 2. Electronic Component Details
### A. Contact Configuration
The device utilizes a **DPST (Double Pole Single Throw)** or **Bifurcated** contact structure.
* **NC (Normally Closed):** Used for safety interlocking (e.g., stopping a motor when a door opens).
* **NO (Normally Open):** Used for signaling (e.g., turning on an indicator light when a limit is reached).
### B. Electrical Ratings
While specific ratings vary by load type, standard industrial limits for this series are:
* **AC Rating:** 10A at 125V or 250V AC.
* **DC Rating:** 0.8A at 125V DC (Resistive load).
* **Insulation Resistance:** 100MΩ min. (at 500V DC).
* **Contact Resistance:** 25mΩ max. (initial value).
---
## 3. Key Electronic Features
1. **Positive Opening Mechanism:** The NC contacts are designed to be forced open even if a light weld occurs, which is a requirement for "Safety" rated switches.
2. **Galvanic Isolation:** The internal structure ensures that the NO and NC circuits are electrically separated, allowing them to control different voltages or polarities.
3. **Gold-Plated Contacts (Optional):** Many versions in this series offer gold plating to ensure reliable switching even in low-current (logic level) electronic circuits.
---
## 4. Typical Wiring Diagram
```text
Terminal 11 (NC) ----| \ |---- Terminal 12 (NC)
Terminal 23 (NO) ----| / |---- Terminal 24 (NO)
[Ground Terminal Provided on Housing]
```
- ⤷
What is the maximum operating frequency for this specific switch?
- ⤷ Can this switch be used in explosive environments (ATEX rated)?
- ⤷ What are the mounting hole dimensions for the M2XV2 series?