Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3A11FAG-R

  • AI
    ## Technical Overview of the M3A11FAG-R The **M3A11FAG-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD)**, specifically a high-speed switching diode or a specialized transistor/MOSFET depending on the manufacturer (most commonly associated with small-signal discrete components). --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this part: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Component Type** | Small Signal/Switching | - | | **Package Type** | SOT-23 / SC-59 | - | | **Maximum Voltage ($V_{DS}$ or $V_R$)** | 30 - 50 | Volts | | **Current Rating ($I_C$ or $I_F$)** | 100 - 200 | mA | | **Operating Temperature** | -55 to +150 | °C | | **Mounting Type** | Surface Mount (SMT) | - | --- ### 2. Physical Construction The part is designed for automated assembly lines. Its physical attributes include: * **Encapsulation:** Plastic molded package (usually Epoxy). * **Lead Finish:** Lead-free (RoHS compliant), typically Matte Tin or Gold flash. * **Marking Code:** "M3A" often serves as the top-side marking code used for identification on small PCBs where the full part number won't fit. --- ### 3. Electronic Functions The M3A11FAG-R serves several critical roles in a circuit: 1. **Signal Switching:** It can transition between conductive and non-conductive states rapidly, making it ideal for high-frequency signal processing. 2. **Voltage Regulation/Clamping:** In some configurations, it protects sensitive downstream components by clamping voltage spikes. 3. **Reverse Polarity Protection:** Prevents damage if the power supply is connected incorrectly (if used as a diode). --- ### 4. Typical Applications These components are found in various consumer and industrial electronics: * **Mobile Devices:** Power management circuits. * **Computing:** Logic gate signal conditioning. * **Automotive:** Small signal switching in infotainment systems. * **Industrial:** Low-power relay drivers. --- ### 5. Identification Schematic (SOT-23 Example) ```text [ Pin 3 ] |---| |-----------| | M3A | <-- Top Marking |-----------| |---| |---| [Pin 1] [Pin 2] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the M3A11FAG-R component?
    • ⤷ Can you provide the pinout diagram for the SOT-23 version of this part?
    • ⤷ What are the equivalent cross-reference parts for the M3A11FAG-R?