M3A11FBA-R
AI

The **M3A11FBA-R** is an electronic component primarily associated with the **M3A series** of Crystal Oscillators manufactured by companies like **NDK (Nihon Dempa Kogyo)** or similar high-precision timing component manufacturers. These parts are critical for providing a stable clock signal in digital circuits.
---
### 1. Key Technical Specifications
The "M3A" prefix typically denotes a specific package size and output type (often HCMOS). Below is a breakdown of the typical specifications for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | SPXO (Simple Packaged Crystal Oscillator) |
| **Package Size** | 3.2 x 2.5 mm (SMD) |
| **Output Type** | CMOS / HCMOS |
| **Supply Voltage ($V_{cc}$)** | 1.8V to 3.3V (varies by sub-model) |
| **Frequency Stability** | ±25ppm to ±50ppm |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Characteristics
The M3A11FBA-R functions as the "heartbeat" of an electronic system. Its internal construction includes:
* **AT-Cut Quartz Crystal:** Used for high-frequency stability and low temperature drift.
* **Oscillator IC:** A low-power CMOS integrated circuit that sustains the oscillation and buffers the output.
* **Standby Function:** Most models in this series feature a "Tri-state" or "Enable/Disable" function on Pin 1, allowing the output to be turned off to save power.
---
### 3. Part Number Decoder (Typical)
While naming conventions vary slightly by manufacturer, the suffix codes usually break down as follows:
1. **M3A:** Series designation (3.2 x 2.5 mm form factor).
2. **11:** Internal code for voltage or frequency range.
3. **FBA:** Specifics regarding frequency stability and operating temperature range.
4. **-R:** Generally indicates **RoHS Compliant** or **Tape & Reel** packaging for automated assembly.
---
### 4. Common Applications
Due to its small footprint and reliable CMOS output, this part is found in:
* **Consumer Electronics:** Tablets, digital cameras, and smart home devices.
* **Networking:** Ethernet switches and routers.
* **Industrial:** PLCs (Programmable Logic Controllers) and sensor nodes.
---
- ⤷
What is the specific output frequency of the M3A11FBA-R?
- ⤷ How does the 'Tri-state' function work on this oscillator?
- ⤷ What are the equivalent alternatives from other manufacturers like Epson or TXC?