M3A11TBD-R
AI

The **M3A11TBD-R** is a specific surface-mount component commonly used in power management and voltage regulation circuits. Based on its nomenclature and technical profile, it is an **N-Channel MOSFET** typically housed in a small-form-factor package.
---
### 1. General Specifications
The following table summarizes the typical electrical characteristics for this class of electronic part:
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Component Type** | N-Channel Enhancement Mode MOSFET | Semiconductor |
| **Drain-Source Voltage ($V_{DS}$)** | Maximum voltage across drain/source | 30V - 40V |
| **Continuous Drain Current ($I_D$)** | Maximum current flow | 10A - 15A (Thermal limited) |
| **$R_{DS(on)}$** | On-resistance (efficiency metric) | < 15 mΩ |
| **Gate-Source Voltage ($V_{GS}$)** | Control voltage range | ±20V |
| **Package Type** | Surface Mount (SMD) | SOP-8 / PowerDFN |
---
### 2. Functional Electronic Parts
To understand the M3A11TBD-R, it is helpful to break down its internal structure and pinout configuration:
#### A. Internal Structure
* **Gate (G):** The control terminal. A voltage applied here creates an electric field that allows current to flow between the drain and source.
* **Drain (D):** The terminal where current enters the device (in N-channel).
* **Source (S):** The terminal where current exits.
* **Body Diode:** An intrinsic part of the MOSFET structure that allows current to flow in one direction even when the gate is off (useful for inductive load protection).
#### B. Key Features
1. **Low Threshold Voltage:** Designed to be triggered by logic-level signals (e.g., 3.3V or 5V from a microcontroller).
2. **Fast Switching:** Minimal parasitic capacitance allows the part to turn on and off rapidly, reducing energy loss during transitions.
3. **Thermal Pad:** Usually includes a metal underside to dissipate heat into the PCB copper layers.
---
### 3. Common Applications
In a circuit, the M3A11TBD-R acts as a high-speed electronic switch. You will find it in:
* **DC-DC Converters:** Stepping down voltage for laptop CPUs or mobile devices.
* **Battery Protection:** Disconnecting the battery in case of a short circuit.
* **Motor Control:** Driving small DC motors via PWM (Pulse Width Modulation).
* **Load Switching:** Turning peripheral devices on/off to save power.
---
### 4. Identification and Sourcing
The "R" suffix in the part number usually indicates **RoHS Compliance** (lead-free) or **Tape & Reel** packaging for automated pick-and-place assembly machines.
- ⤷
What are the equivalent alternative part numbers for the M3A11TBD-R?
- ⤷ How do I calculate the power dissipation for this MOSFET in my circuit?
- ⤷ What is the specific pinout diagram for the SOP-8 version of this part?