Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3A12FAG-R

  • AI
    The **M3A12FAG-R** is a specific surface-mount electronic component, typically identified as a **Fast Recovery Rectifier Diode**. These components are essential in power management for converting alternating current (AC) to direct current (DC) while minimizing energy loss during high-frequency switching. --- ## 1. Technical Specifications The following table outlines the primary electrical characteristics typically associated with this part number: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Fast Recovery Rectifier | Diode | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | Max voltage the diode can block | 600V - 1200V* | | **Forward Current ($I_{F}$)** | Maximum continuous current | 3A | | **Reverse Recovery Time ($t_{rr}$)** | Speed of switching off | < 100ns | | **Package Type** | Surface Mount Device | SMA/SMB/SMC (Flat Lead) | | **Operating Temperature** | Thermal range | -55°C to +150°C | *\*Note: Exact voltage ratings can vary slightly by manufacturer series, but "12" often denotes a 1200V rating in this nomenclature.* --- ## 2. Key Features * **High Efficiency:** Low forward voltage drop reduces power dissipation during conduction. * **Fast Switching:** The "Fast Recovery" characteristic allows the diode to transition from a conducting state to a blocking state very quickly, which is vital for high-frequency circuits. * **Glass Passivated Junction:** Usually features a chemically stable layer over the silicon chip to ensure high reliability and resistance to moisture. * **RoHS Compliant:** The "-R" suffix often indicates compliance with environmental regulations regarding hazardous substances. --- ## 3. Circuit Applications The M3A12FAG-R is commonly found in the following electronic environments: 1. **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage to handle high-frequency pulses. 2. **Inverters:** Essential for DC-to-AC conversion in solar power or motor drives. 3. **Freewheeling Diodes:** Protects switching transistors (like MOSFETs or IGBTs) from inductive voltage spikes (Back EMF). 4. **DC-DC Converters:** Manages energy flow in step-up (boost) or step-down (buck) converters. --- ## 4. Package Dimensions (Generic SMA/SMB) Since this is an SMD part, it follows standard physical footprints for automated assembly: ```text Top View Side View __________ __________ | | | ______ | | [Cathode]---------| | | | |__________| |_|______|_| (K) (A) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the M3A12FAG-R?
    • ⤷ How does reverse recovery time affect power supply efficiency?
    • ⤷ What is the specific footprint/land pattern for an SMA package?