Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3A12FBG-R

  • AI
    The **M3A12FBG-R** is a specific part number belonging to a **Step-Down (Buck) DC-DC Converter** IC, typically manufactured by companies like MPS (Monolithic Power Systems) or similar analog power IC vendors. These components are designed to efficiently convert a higher input voltage to a lower output voltage for electronic circuits. --- ### 1. Key Technical Specifications Below are the typical specifications for this class of integrated circuit: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | Suitable for 5V and 12V bus rails. | | **Output Current** | 1.2A - 2A | Max continuous current the IC can deliver. | | **Switching Frequency** | 500 kHz - 1.5 MHz | Higher frequency allows for smaller external inductors. | | **Package Type** | SOT23-6 | Compact surface-mount package with 6 pins. | | **Topology** | Synchronous Buck | Uses internal MOSFETs for high efficiency. | --- ### 2. Internal Architecture The M3A12FBG-R utilizes **Constant-On-Time (COT)** or **Current Mode** control logic to maintain a steady output. The internal structure generally includes: 1. **High-Side & Low-Side MOSFETs:** Integrated switches that eliminate the need for an external Schottky diode, reducing heat and board space. 2. **Error Amplifier:** Compares the feedback voltage (VFB) to an internal reference (usually 0.6V or 0.8V). 3. **Protection Circuits:** * **OCP (Over Current Protection):** Limits current to prevent burnout. * **OTP (Over Temperature Protection):** Shuts down the chip if it gets too hot. * **UVLO (Under Voltage Lockout):** Ensures the chip doesn't operate if the input voltage is too low. --- ### 3. Pinout Configuration (SOT23-6) Most chips in this series follow a standard pinout to simplify PCB design: * **GND:** Ground reference. * **SW:** Switch Node (connected to the inductor). * **VIN:** Input supply voltage. * **FB:** Feedback input (connected to a resistor divider to set output voltage). * **EN:** Enable pin (High = ON, Low = OFF). * **BST/CB:** Bootstrap pin (connected to a capacitor for the high-side gate driver). --- ### 4. Typical Application Circuit The output voltage ($V_{out}$) is usually calculated using the formula: `Vout = Vref * (1 + R1 / R2)` ```text Input (12V) ----[ C_in ]----[ VIN ] | [ SW ]----[ Inductor ]----[ V_out (3.3V) ] | | [ FB ]----[R1/R2 Divider] | | [GND]----[ C_out ] ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for this IC?
    • ⤷ Can this part be used in automotive applications with a 24V system?
    • ⤷ What is the specific manufacturer for the M3A12FBG-R suffix?