M3A12TAX-R
AI

The **M3A12TAX-R** is a specific model of an **AC-DC Industrial Power Supply** module, typically manufactured by companies like **Cosel** or specialized industrial electronics firms. It is designed for high reliability, compact form factors, and integration into DIN rail or chassis-mount systems.
---
## 1. Core Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Input Type** | AC-DC (Single Phase) |
| **Input Voltage Range** | 85V - 264V AC (Universal Input) |
| **Output Voltage** | 12V DC |
| **Cooling Method** | Convection (Natural Air) or Forced Air |
| **Mounting Type** | Chassis Mount / PCB Mount |
| **Protections** | Overcurrent, Overvoltage, and Thermal Protection |
---
## 2. Key Electronic Components & Subsystems
The internal architecture of the M3A12TAX-R consists of several critical stages:
### A. Input Stage (EMI Filtering & Rectification)
* **EMI Filter:** Uses X and Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid.
* **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal.
* **PFC (Power Factor Correction):** Most modern "M" series modules include active PFC to improve energy efficiency and reduce harmonic distortion.
### B. Switching Stage
* **MOSFETs:** High-frequency switches that "chop" the DC voltage to be passed through a high-frequency transformer.
* **PWM Controller:** An integrated circuit (IC) that regulates the duty cycle of the MOSFETs to maintain a steady 12V output regardless of load changes.
### C. Output Stage (Isolation & Regulation)
* **Transformer:** Provides galvanic isolation between the dangerous high-voltage input and the safe 12V output.
* **Schottky Diodes/Synchronous Rectification:** Used to rectify the high-frequency AC from the transformer back into smooth DC.
* **Low ESR Capacitors:** Electrolytic or Polymer capacitors used to filter out "ripple" voltage, ensuring a clean DC signal for sensitive electronics.
---
## 3. Notable Features of the "TAX-R" Variant
The suffix in these part numbers often denotes specific hardware configurations:
* **T:** Usually refers to a **Terminal Block** interface for easier wiring compared to pin-header versions.
* **A:** Often indicates an **Automatic** voltage adjustment or specific version revision.
* **R:** Almost always signifies **Remote Sensing** or **Remote On/Off** capability, allowing the power supply to be toggled by a PLC or external controller.
---
## 4. Typical Applications
* **Industrial Automation:** Powering PLCs, sensors, and actuators.
* **Telecommunications:** Used in base stations or networking hardware.
* **Medical Equipment:** High-reliability power for diagnostic tools (where compliant).
* **Test & Measurement:** Providing stable reference voltages for lab instruments.
- ⤷
What is the maximum current rating (Amperage) for the 12V output of this model?
- ⤷ Does the M3A12TAX-R support parallel operation for redundancy?
- ⤷ What are the specific dimensions and mounting hole patterns for this unit?