M3A13FCX-R
AI

The **M3A13FCX-R** is a specific part number typically associated with **Nuvoton** (formerly Winbond) or specialized electronic components used in power management and control systems. Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Component Identification
The M3A13FCX-R is categorized as a **Power MOSFET** or a **Load Switch Controller**, often utilized in automotive and high-reliability industrial applications.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Nuvoton / Embest (Series specific) |
| **Package Type** | SOP-8 / Power-SO (Varies by revision) |
| **Component Type** | N-Channel Enhancement Mode Field Effect Transistor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **RoHS Status** | Compliant (Lead-Free) |
---
## 2. Key Technical Specifications
While exact data can vary based on the manufacturer's suffix, the "FCX-R" series generally follows these operational parameters:
### Electrical Characteristics
* **Drain-Source Voltage ($V_{DS}$):** Typically rated between 30V to 60V.
* **Continuous Drain Current ($I_D$):** High current handling, often exceeding 10A depending on thermal management.
* **Static Drain-Source On-Resistance ($R_{DS(on)}$):** Optimized for low resistance (mΩ range) to minimize power dissipation.
* **Gate-Source Threshold Voltage ($V_{GS(th)}$):** Logic level compatible (usually 1.0V to 2.5V).
### Physical Features
* **Internal Protection:** Many iterations include integrated ESD protection diodes.
* **Thermal Pad:** Often includes an exposed pad for heat sinking to the PCB.
---
## 3. Pin Configuration (Typical SOP-8)
The standard layout for this series ensures compatibility with common power delivery circuits:
| Pin Number | Designation | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | **Source** | Source connection to the load or ground. |
| 4 | **Gate** | Control terminal for switching the MOSFET. |
| 5, 6, 7, 8 | **Drain** | High-current path from the power supply. |
---
## 4. Typical Applications
The M3A13FCX-R is designed for high-efficiency switching and power conversion:
1. **DC-DC Converters:** Used in Buck or Boost converters to manage voltage stepping.
2. **Battery Management Systems (BMS):** Acts as a protection switch to disconnect the battery during overcurrent events.
3. **Motor Drivers:** High-speed switching for PWM-controlled DC motors.
4. **Load Switching:** Used in laptops and industrial tablets to manage power rails.
---
## 5. Equivalent and Alternatives
If the M3A13FCX-R is unavailable, the following general replacements are often considered (subject to circuit verification):
* **AO4406** (Alpha & Omega)
* **SI4410** (Vishay)
* **FDS6670A** (Fairchild/ON Semi)
- ⤷
What are the specific thermal dissipation requirements for the M3A13FCX-R under full load?
- ⤷ Does this component require a dedicated gate driver for high-frequency switching?
- ⤷ Is there a P-Channel equivalent for this specific N-Channel MOSFET?