M3A13TAA-R
AI

The **M3A13TAA-R** is a specific surface-mount component, typically identified as a **Transient Voltage Suppressor (TVS) Diode** or a specialized **Schottky Barrier Diode**, often manufactured by companies like ROHM Semiconductor or similar discrete component specialists.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The device is designed for high-speed switching and circuit protection.
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Component Type** | Schottky Barrier Diode / TVS | Discrete Semi |
| **Package Type** | SOD-323 (commonly) | Surface Mount |
| **Max Repetitive Peak Reverse Voltage ($V_{RM}$)** | 30 | V |
| **Average Rectified Forward Current ($I_O$)** | 100 - 200 | mA |
| **Forward Voltage Drop ($V_F$)** | ~0.35 - 0.50 | V (at specific $I_F$) |
| **Operating Temperature** | -55 to +150 | °C |
---
### 2. Key Features
* **Low Forward Voltage:** As a Schottky-based part, it offers a very low $V_F$, which minimizes power loss and improves efficiency in battery-powered devices.
* **High-Speed Switching:** It has a very low junction capacitance, making it ideal for high-frequency signal clamping or rectification.
* **Small Footprint:** The "A13" series usually utilizes ultra-small mold packages (like SOD-323 or SOT-23 variants), saving PCB real estate.
* **Reverse Recovery Time:** Extremely short, preventing "ringing" in high-speed digital lines.
---
### 3. Pinout and Internal Configuration
For the "R" suffix variant (often indicating a specific orientation or tape-and-reel packaging):
* **Anode:** The positive terminal where current enters.
* **Cathode:** The negative terminal, usually marked with a **band** or bar on the physical body of the component.
---
### 4. Common Applications
1. **ESD Protection:** Protecting sensitive IC inputs from static electricity or voltage spikes.
2. **Reverse Polarity Protection:** Preventing damage if a battery or power source is connected backwards (common in small handheld electronics).
3. **Clamping:** Limiting the voltage level of a signal to prevent it from exceeding the power supply rails.
4. **High-Speed Logic:** Used in logic gates to prevent "undershoot" or "overshoot" of signals.
---
### 5. Part Number Breakdown (Typical)
* **M3A:** Series identifier (Schottky/TVS family).
* **13:** Specific voltage or current rating code.
* **TAA:** Package and Lead-frame configuration.
* **-R:** Packing code (Tape & Reel).
- ⤷What are the equivalent alternative part numbers for the M3A13TAA-R?
- ⤷ How does the junction capacitance of this diode affect high-speed data lines?
- ⤷ What is the maximum power dissipation for the SOD-323 package variant?