M3A13TAX-R
AI

The **M3A13TAX-R** is a specific variant of an industrial-grade **3-Phase Solid State Relay (SSR)**, typically manufactured by companies like **Celduc Relais** or similar industrial automation firms. These components are designed to switch high-current AC loads using semiconductor technology rather than mechanical contacts.
---
## 1. Core Technical Specifications
The alphanumeric code represents specific electronic characteristics. While slight variations exist between manufacturers, the standard breakdown for this class of SSR is as follows:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Phase Type** | 3-Phase | Switches three separate lines simultaneously. |
| **Switching Mode** | Zero Cross | Turns on when AC voltage is near zero to reduce EMI. |
| **Rated Voltage** | 400 - 530 VAC | Designed for standard industrial three-phase grids. |
| **Control Voltage** | 8 - 32 VDC | Standard logic-level input for PLC integration. |
| **Rated Current** | 13A - 25A | Varies by thermal dissipation (often 13A per phase). |
---
## 2. Internal Electronic Architecture
The device is composed of three primary electronic sections:
### A. Input Circuit (Control Side)
* **Opto-coupler:** Provides electrical isolation (typically up to 4kV) between the low-voltage control signal (PLC) and the high-voltage power lines.
* **Status LED:** Most models include a visual indicator (usually green) to show when the control voltage is active.
### B. Trigger Circuit
* **Zero-Crossing Detector:** An internal circuit that waits for the sine wave to cross the 0V mark before activating the power stage. This prevents massive current spikes (inrush) and reduces electrical noise.
### C. Power Stage (Output Side)
* **Back-to-Back Thyristors (SCRs):** Each of the three phases uses two SCRs connected in anti-parallel. These are more robust for industrial loads than Triacs.
* **RC Snubber Network:** Built-in resistors and capacitors that protect the SCRs from high $dv/dt$ (voltage spikes) common in inductive motor loads.
---
## 3. Key Electronic Features
### Thermal Management
The "R" in the suffix often denotes a specific **thermal pad** or **heatsink** requirement. Because SSRs generate heat (roughly 1.0 to 1.2 Watts per Ampere), the internal power semiconductors are mounted on a ceramic substrate (DCB - Direct Copper Bonding) to transfer heat to the baseplate.
### Protection Mechanisms
* **Overvoltage Protection:** Often includes internal varistors (MOVs) to clamp voltage transients.
* **IP20 Protection:** The housing is usually designed with "finger-safe" terminals to prevent accidental contact with live electronic parts.
---
## 4. Connection Diagram (General)
```text
CONTROL SIDE (DC) LOAD SIDE (AC 3-PHASE)
[ + ] 8-32VDC ----| |---- L1 (Line 1) ---- [LOAD] ---- T1
| SSR |
[ - ] Ground ----| |---- L2 (Line 2) ---- [LOAD] ---- T2
| |
| |---- L3 (Line 3) ---- [LOAD] ---- T3
```
- ⤷
What is the maximum surge current capacity for the M3A13TAX-R?
- ⤷ Does this model require an external heatsink for continuous 13A operation?
- ⤷ Can this SSR be used for phase-angle control instead of zero-cross switching?