M3A13TCG-R
AI

The **M3A13TCG-R** is a high-performance, industrial-grade Crystal Oscillator manufactured by **NDK (Nihon Dempa Kogyo)**. It is part of the SPXO (Simple Packaged Crystal Oscillator) category, specifically designed for high-speed networking and telecommunications.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | SPXO (Crystal Oscillator) |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Standard Frequency** | Typically 156.25 MHz (Common for Ethernet) |
| **Supply Voltage ($V_{cc}$)** | +3.3V |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
| **Package Size** | 7.0 x 5.0 mm (6 pads) |
| **Frequency Stability** | ±50 ppm (Total Frequency Tolerance) |
---
### Key Electronic Components & Design
The M3A13TCG-R is not a single "part" but an integrated module consisting of several internal electronic stages:
1. **AT-Cut Quartz Crystal**: The heart of the device. It provides the mechanical resonance required for frequency stability.
2. **Oscillator IC**: An internal CMOS/BiCMOS integrated circuit that drives the crystal and maintains the oscillation.
3. **LVPECL Output Driver**:
* This specific part uses **LVPECL** logic.
* **Advantage**: It offers very low phase jitter and high-speed switching, making it ideal for fiber optic modules and high-speed backplanes.
4. **Tri-state Function (OE)**: Pin 1 usually serves as the Output Enable (OE). When set high, the clock signals are active; when low, the output goes into a high-impedance state to save power.
### Pin Configuration
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | OE (Output Enable) | High: Output active; Low: High Z |
| 2 | NC | No internal connection |
| 3 | GND | Ground connection |
| 4 | OUT | Positive Output signal |
| 5 | #OUT | Complementary (Negative) Output signal |
| 6 | $V_{cc}$ | Power Supply (+3.3V) |
---
### Typical Applications
Due to its high frequency and low jitter characteristics, the M3A13TCG-R is commonly found in:
* **10G/40G/100G Ethernet** switches and routers.
* **Fiber Channel** host bus adapters.
* **SONET/SDH** optical transmission equipment.
* **Storage Area Networks (SAN)**.
---
- ⤷
What is the difference between LVPECL and LVDS outputs in oscillators?
- ⤷ How do I calculate the termination resistance for the M3A13TCG-R?
- ⤷ What are the phase jitter specifications for this specific NDK series?