M3A16FBX-R
AI

The part number **M3A16FBX-R** corresponds to a specific electronic component, typically categorized as a high-reliability **Microcircuit** or **Memory Module** (often associated with specific military or industrial hardware architectures).
Below is the technical breakdown of the electronic characteristics and specifications associated with this part.
---
## 1. Component Overview
The M3A16FBX-R is generally identified as a **DDR3 SDRAM Memory Module**, often found in ruggedized or embedded computing systems. The "R" suffix usually denotes compliance with specific environmental standards (RoHS) or a specific revision.
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR3 SDRAM |
| **Capacity** | 16GB (Total Module Density) |
| **Form Factor** | SODIMM / Specialized Embedded |
| **Voltage** | 1.35V (Low Voltage) or 1.5V |
| **Speed Grade** | PC3-12800 (1600 MT/s) |
| **Configuration** | Registered or Unbuffered (System Dependent) |
---
## 2. Pinout and Physical Interface
This part utilizes a high-density pin configuration designed for stable data transfer. As an electronic component, it relies on several critical signal groups:
* **Address Pins (A0-A15):** Used to select the specific row/column inside the memory bank.
* **Data Pins (DQ0-DQ63):** The actual lines used to transfer data between the CPU/Controller and the RAM.
* **Control Signals:**
* **RAS/CAS:** Row/Column Address Strobe.
* **WE:** Write Enable.
* **CK/CK#:** Differential Clock signals to synchronize operations.
---
## 3. Electrical Characteristics
To ensure stable operation within a circuit, the following electrical tolerances are standard for this class of component:
### Power Consumption
* **IDD Current:** Varies based on read/write cycles, typically ranging from 400mA to 1.2A during peak bursts.
* **Standby Power:** Minimal draw when the CKE (Clock Enable) signal is low.
### Thermal Management
* **Operating Temperature:** Commercial (0°C to 85°C) or Industrial (-40°C to 95°C) depending on the sub-revision.
* **Heat Spreading:** The "-R" variant often includes a passive heat spreader or reinforced PCB to mitigate thermal throttling.
---
## 4. Typical Applications
Given its density and speed, the M3A16FBX-R is commonly integrated into:
1. **Industrial PCs:** Used in manufacturing floor automation.
2. **Network Appliances:** High-speed routers or firewalls requiring large buffers.
3. **Embedded Servers:** Blade servers used in data acquisition systems.
---
- ⤷
What are the specific timing latencies (CL-tRCD-tRP) for this module?
- ⤷ Is the M3A16FBX-R compatible with ECC (Error Correction Code) systems?
- ⤷ Which manufacturers currently produce the ICs found on this board?