M3A16TAX-R
AI

The **M3A16TAX-R** is a high-performance military-grade or industrial-grade power supply module, typically categorized as a DC-DC converter. It is designed for harsh environments, providing regulated power from a wide input voltage range.
---
### 1. General Specifications
This part is often associated with the **M3A Series** by manufacturers like *Abbott Technologies*. It is engineered to meet stringent military standards for electromagnetic interference (EMI) and environmental durability.
| Feature | Description |
| :--- | :--- |
| **Input Voltage Range** | Typically 18V to 36V DC (Nominal 28V) |
| **Output Voltage** | 5V DC (Common for 'A16' naming convention) |
| **Output Power** | Up to 16 Watts (depending on the specific configuration) |
| **Operating Temp** | -55°C to +100°C (Baseplate) |
| **Isolation** | Input to Output Isolation (typically 500V to 1500V) |
---
### 2. Key Electronic Components & Internal Design
The internal architecture of the M3A16TAX-R utilizes high-reliability components to ensure stability under stress:
* **Switching Controller:** Uses Pulse Width Modulation (PWM) to maintain high efficiency (often >75-80%) despite varying loads.
* **Magnetic Isolation:** High-frequency transformers provide galvanic isolation between the noisy input (aircraft/vehicle power) and sensitive electronics at the output.
* **EMI Filtering:** Integrated LC filters to minimize ripple and comply with **MIL-STD-461** requirements.
* **Protection Circuitry:**
* *Over-Voltage Protection (OVP):* Shuts down or clamps the output if it exceeds safe limits.
* *Short Circuit Protection:* Protects the unit from damage during a fault.
* *Thermal Shutdown:* Prevents failure due to overheating.
---
### 3. Compliance and Standards
The "TAX" suffix often indicates specific testing or environmental qualification levels.
1. **MIL-STD-704:** Aircraft electrical power characteristics.
2. **MIL-STD-810:** Environmental engineering considerations (Vibration, Shock, Humidity).
3. **MIL-STD-461:** Electromagnetic interference characteristics.
---
### 4. Typical Applications
* **Avionics:** Powering flight control systems or cockpit displays.
* **Missile Systems:** Guiding systems requiring compact, rugged power.
* **Mobile Communication:** Tactical radios and satellite links in field environments.
---
### 5. Part Number Breakdown (Generic)
While internal codes vary by manufacturer, the nomenclature generally follows this logic:
```text
M3A - Series Name (High reliability DC-DC)
16 - Power Rating (16 Watts)
T - Temperature range or Terminal type
A - Specific Output Voltage code
X-R - Revision or Custom lead finish (RoHS or Non-RoHS)
```
- ⤷
What are the exact pinout configurations for the M3A16TAX-R?
- ⤷ How does this module compare to the M3A28 series in terms of efficiency?
- ⤷ Which MIL-STD-461 versions is this part compliant with?