M3A18FCA-R
AI

The **M3A18FCA-R** belongs to the Renesas M16C/28 series of 16-bit microcontrollers. This specific part is designed for embedded applications requiring low power consumption and high reliability, often found in automotive and industrial control systems.
---
### 1. Technical Specifications
Below are the primary hardware characteristics of the M3A18FCA-R:
| Feature | Specification |
| :--- | :--- |
| **CPU Core** | M16C/60 Core (16-bit) |
| **Flash Memory** | 128 KB |
| **RAM** | 4 KB to 8 KB (Depending on specific revision) |
| **Operating Voltage** | 3.0V to 5.5V |
| **Max Frequency** | 20 MHz |
| **Package Type** | LQFP-80 (Low Profile Quad Flat Package) |
| **I/O Ports** | Up to 71 programmable I/O pins |
---
### 2. Key Electronic Components & Subsystems
The internal architecture of the M3A18FCA-R consists of several critical modules:
* **Memory Architecture:**
* **Flash ROM:** Used for storing the application program code.
* **Data Flash:** Dedicated area for non-volatile data storage (parameters, logs).
* **RAM:** High-speed volatile memory for stack and variable processing.
* **Peripheral Functions:**
* **Timers:** Includes 16-bit timers (Timer A and Timer B) for PWM generation and pulse measurement.
* **A/D Converter:** 10-bit resolution with multiple channels for processing analog sensor data.
* **Serial Communication:** Supports UART, I2C, and SPI protocols for interfacing with other chips.
* **Safety & Reliability:**
* **Watchdog Timer (WDT):** Prevents system hang-ups by resetting the MCU if the software stops responding.
* **Voltage Detector:** Monitors the power supply to ensure the chip operates within safe limits.
---
### 3. Pinout and Connectivity
As an 80-pin LQFP device, the electronic layout focuses on versatility:
* **VCC/VSS:** Power supply and ground pins.
* **RESET:** Hardware reset input.
* **XIN/XOUT:** Connections for the external ceramic resonator or crystal oscillator.
* **Analog Inputs:** Multiplexed with GPIO for sensor integration.
---
### 4. Typical Applications
Due to its robust 16-bit architecture, this part is commonly used in:
1. **Automotive Body Control:** Window lifters, lighting, and mirror controls.
2. **Industrial Automation:** Small motor controllers and sensor hubs.
3. **Consumer Electronics:** Home appliance control boards (washing machines, AC units).
- ⤷
What are the programming tools required for the M16C/28 series?
- ⤷ How does the power consumption of the M3A18FCA-R compare to modern 32-bit MCUs?
- ⤷ Is this specific part number currently in active production or EOL (End of Life)?