M3A21TAA-R
AI

The **M3A21TAA-R** is a specific surface-mount electronic component, typically categorized as a **crystal oscillator** or a specialized **timing/frequency control device**. These parts are critical for providing a stable clock signal to microprocessors and digital circuits.
---
## Technical Specifications & Characteristics
Below is a breakdown of the typical internal and external electronic characteristics of this part series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) / Surface Mount Device (SMD) |
| **Package Size** | Typically 3.2mm x 2.5mm or 5.0mm x 3.2mm (Series dependent) |
| **Output Type** | CMOS / HCMOS compatible |
| **Voltage Supply** | Usually ranges from 1.8V to 3.3V |
| **Frequency Stability** | Typically ±25ppm to ±50ppm |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## Internal Electronic Architecture
The M3A21TAA-R consists of three primary internal electronic sections:
### 1. The Quartz Crystal Blank
At the heart of the device is a precision-cut quartz crystal. When an electric field is applied, it vibrates at a specific frequency (the piezoelectric effect). The "A21" designation in the part number often refers to specific frequency or temperature characteristics defined by the manufacturer.
### 2. The Oscillator IC
The unit contains an integrated circuit (IC) that:
* Maintains the oscillation of the crystal.
* Includes a **buffer amplifier** to ensure the output signal is strong enough to drive other components.
* Contains a **voltage regulator** to minimize frequency drift caused by power supply fluctuations.
### 3. Output Circuitry
The output is designed to be "Tri-state." This means the pin can be high, low, or high-impedance (disconnected). This allows the electronic system to disable the clock signal to save power during sleep modes.
---
## Pin Configuration (Typical)
Most oscillators in this series utilize a 4-pad layout:
| Pad # | Function | Description |
| :--- | :--- | :--- |
| **1** | OE or NC | Output Enable (Logic High = Active) or No Connect |
| **2** | GND | Circuit Ground |
| **3** | Output | Frequency Signal Output |
| **4** | Vdd | Positive Power Supply |
---
## Typical Applications
Due to its small footprint and stability, the M3A21TAA-R is commonly found in:
* **Networking Gear:** Routers, switches, and modems.
* **Embedded Systems:** Microcontroller units (MCUs) requiring a precise external clock.
* **Consumer Electronics:** Wearables and handheld devices where space is limited.
- ⤷
What is the exact frequency of the M3A21TAA-R variant?
- ⤷ How does the 'Tri-state' function work in a digital circuit?
- ⤷ What are the recommended soldering profiles for this SMD package?