M3A21TCA-R
AI

The **M3A21TCA-R** is a specific part number typically associated with **USB Type-C receptacles** (connectors) manufactured by companies like **Yueqing Hezhong** or similar electronics component suppliers. These are "Mid-Mount" connectors designed for integration into Slim PCBs.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This part is a high-performance connector designed for charging and data transfer.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | USB Type-C (Receptacle) |
| **Mounting Type** | Mid-Mount (Sinks into the PCB) |
| **Pin Count** | 24 Pins (Full Feature) |
| **Orientation** | Horizontal / Right Angle |
| **Shell Material** | Stainless Steel |
---
### 2. Electrical Characteristics
The electrical ratings define the power delivery and signal integrity capabilities of the component.
| Parameter | Rating |
| :--- | :--- |
| **Current Rating** | 5.0A (for VBUS), 1.25A (for other pins) |
| **Voltage Rating** | 20V DC |
| **Contact Resistance** | 40mΩ Max |
| **Insulation Resistance** | 100MΩ Min |
| **Dielectric Strength** | 100V AC for 1 minute |
---
### 3. Mechanical & Material Parts
The durability and construction of the M3A21TCA-R ensure it can withstand repetitive use.
* **Housing:** High-Temperature Thermoplastic (LCP), UL94V-0 rated (Black).
* **Contacts:** Copper Alloy with Gold plating on the contact area and Tin plating on the solder tails.
* **Shell:** Stainless Steel with Nickel plating for corrosion resistance.
* **Mating Cycles:** Rated for up to 10,000 insertions/withdrawals.
---
### 4. Pinout Configuration
As a 24-pin Type-C connector, it supports the standard USB-C pin map:
| Group | Pins | Function |
| :--- | :--- | :--- |
| **Power** | VBUS, GND | Power delivery and ground return. |
| **High Speed** | TX+/-, RX+/- | USB 3.1/3.2 SuperSpeed data lanes. |
| **Legacy Data** | D+/D- | USB 2.0 backward compatibility. |
| **Configuration** | CC1, CC2 | Cable orientation and Power Delivery (PD) negotiation. |
| **Sideband** | SBU1, SBU2 | Used for Alternate Modes (e.g., DisplayPort). |
---
### 5. Application Areas
The "Mid-Mount" design is specifically chosen for devices where thickness is a primary concern:
* **Smartphones:** To achieve a thinner profile.
* **Tablets/Laptops:** For side-mounted charging ports.
* **Wearables:** Compact charging interfaces.
* **Power Banks:** High-current input/output ports.
- ⤷
What is the exact PCB thickness required for the M3A21TCA-R mid-mount design?
- ⤷ Does this connector support USB 4.0 data speeds?
- ⤷ What are the recommended reflow soldering temperature profiles for this part?