Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3A22TAG-R

  • AI
    The **M3A22TAG-R** is a specific model of an AC Brushless Generator (Alternator) manufactured by **Mecc Alte**. This unit is part of their industrial "M" series, typically used in power generation sets (gensets). Below is a breakdown of its electronic and electromechanical components. --- ### 1. Core Specifications | Feature | Details | | :--- | :--- | | **Manufacturer** | Mecc Alte | | **Series** | ECO / M3 (Large Industrial) | | **Type** | 3-Phase Brushless Alternator | | **Excitation System** | MAUX (Auxiliary Winding) or PMG (Optional) | | **Voltage Regulation** | Digital AVR (Automatic Voltage Regulator) | --- ### 2. Key Electronic Components #### A. Automatic Voltage Regulator (AVR) The "brain" of the M3A22TAG-R is the **AVR** (typically the **DSR** or **DER1** digital controllers). * **Function:** It monitors the output voltage and adjusts the excitation current to maintain a steady voltage regardless of the load. * **Protection:** Includes under-speed (Hz) protection, overload protection, and over-excitation protection. * **Connectivity:** Often features an RS232 or RS485 interface for remote monitoring via PC. #### B. The Excitation System (Brushless) Unlike old generators with brushes, this model uses a brushless system: 1. **Main Stator:** The stationary part that produces the main power. 2. **Exciter Stator:** Receives a small DC signal from the AVR. 3. **Exciter Rotor:** Rotates on the shaft, creating AC current. 4. **Rotating Rectifier Bridge:** A set of diodes mounted on the rotor that converts the exciter's AC into DC for the main magnetic field. #### C. MAUX (Mecc Alte Auxiliary Winding) The M3A22TAG-R typically utilizes the **MAUX system**. This is a separate power-supply winding located within the stator that powers the AVR. * **Benefit:** It allows the generator to handle high motor-starting currents (overload capacity of 300% for 20 seconds) without losing excitation. --- ### 3. Electrical Characteristics * **Insulation Class:** H (Capable of withstanding high temperatures). * **Winding Pitch:** 2/3 pitch (standard) to reduce the harmonic content of the voltage, specifically the 3rd harmonic. * **Radio Interference:** Equipped with internal filters to meet EMC (Electromagnetic Compatibility) standards. --- ### 4. Technical Summary Table | Component | Function | | :--- | :--- | | **Diodes** | Convert AC to DC on the rotating assembly. | | **Varistor** | Protects the diodes from high-voltage spikes/surges. | | **Terminal Board** | 12-wire reconnectable board (allows for different voltage configurations like 208V, 400V, or 480V). | | **CT (Current Transformer)** | (Optional) Used for parallel operation with other generators to balance reactive power. | ---
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot a 'low voltage' issue on a Mecc Alte AVR?
    • ⤷ What is the difference between the DSR and DER1 voltage regulators used in these models?
    • ⤷ Can the M3A22TAG-R be converted from 3-phase to 1-phase output?